Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1321 Datasheet(PDF) 14 Page - Zetex Semiconductors

Part # ZXLD1321
Description  Boost mode DC-DC converter for LED driving with 1A output and current control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1321 Datasheet(HTML) 14 Page - Zetex Semiconductors

Back Button ZXLD1321 Datasheet HTML 10Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 11Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 12Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 13Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 14Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 15Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 16Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 17Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 18Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ZXLD1321
Issue 1 - January 2008
14
www.zetex.com
© Zetex Semiconductors plc 2008
Typical operating conditions
Inductive converters can operate in either CONTINUOUS mode, where current always flows in
the inductor, but rises during the ON period and falls during the OFF period, or DISCONTINUOUS
mode, where the current falls to zero during the OFF period. The mode depends on several
factors, including supply voltage, output (LED) voltage and the choice of peak current and
inductor value. Calculations need to be done to determine which mode the converter will be in.
The circuit should be designed to give slightly more LED current than required under the lowest
supply voltage, so the control loop can regulate the current accurately. If the theoretical LED
current is less than that required, the control loop will not be able to reach the required value. The
calculations will give an idea of the ON and OFF times and hence the operating frequency, but
bear in mind that the control loop will reduce the peak current to achieve the exact programmed
LED current and this will raise the operating frequency. In general, values in the discontinuous
mode are simpler to calculate because the current can go from zero to the theoretical maximum
during the ON period and fall to zero during the OFF period. In continuous mode the current will
start from some value, so the ON time will be lower to reach the theoretical maximum and lower
still when the control loop reduces the peak current below the maximum.
Circuit operation
Operation of boost LED driver
The input voltage must always be lower than the LED voltage. This circuit has an ON phase,
where the coil is connected from the supply to ground and an OFF phase, where the coil current
flows through the LED via a Schottky diode. The current therefore only flows into the LED circuit
during the OFF phase, although the reservoir capacitor C3 should keep current flowing in the
LED(s) continuously.
ADJ is set between 50mV and 500mV to give between 10% and 100% power respectively. Making
R2 = zero gives a base current to the output transistor of 50mA nominal and making R2 = 1.68k
Ω
gives 10mA nominal. The reduced base current will lower supply current and hence improve
efficiency in lower power applications. Making R1 = 25m
Ω gives a peak coil current of 2 Amps.
The internal power transistor turns on until the coil current builds up to the peak value. At this
point the transistor switches off and the coil current continues to flow in the LED(s) via Schottky
diode D1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com