Electronic Components Datasheet Search
  English  ▼

X  

WM9715L Datasheet(PDF) 69 Page - Wolfson Microelectronics plc

Part # WM9715L
Description  AC??7 Audio and Touchpanel CODEC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9715L Datasheet(HTML) 69 Page - Wolfson Microelectronics plc

Back Button WM9715L Datasheet HTML 65Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 66Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 67Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 68Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 69Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 70Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 71Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 72Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 73Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 77 page
background image
Production Data
WM9715L
w
PD Rev 4.0 December 2007
69
Register 56h (together with register 4Ch) controls the outputs ADCIRQ, PENDOWN, GENIRQ and SPDIF_OUT.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
5
GE5
1 (off)
‘0’ enables the SPDIF_OUT pin (note that GC5 in register 4Ch
must also be set to 0, and SEN in register 2Ah to 1)
4
GE4
1 (off)
‘0’ enables the ADCIRQ pin (note that GC4 in register 4Ch must
also be set to 0).
3
GE3
1 (off)
‘0’ enables the PENDOWN pin (note that GC3 in register 4Ch
must also be set to 0).
56h
2
GE2
1 (off)
‘0’ enables the GENIRQ pin (note that bit GC2 in register 4Ch
must also be set to 0).
Interrupt
Control
Register 58h controls several additional functions.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15:13
COMP2DEL
000 (no delay)
Selects Comparator 2 delay
Battery Alarm
10
SVD
0 (enabled)
Disables VREF for lowest possible power
consumption
Power Management
3:2
DIE REV
Indicates device revision. 00=Rev.A, 01=Rev.B, 10=Rev.C
N/A
1
WAKEEN
0 (no wake-up)
Enables GENIRQ interrupt wake-up
58h
0
IRQ INV
0 (not inverted)
Inverts the GENIRQ signal (pin 45)
Interrupt Control
Register 5Ch controls several additional functions.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15
AMUTE
0
Read-only bit to indicate DAC auto-muting
Audio DACs, Stereo DACs
14
C1REF
0 (AVDD/2)
Selects Comparator 1 Reference Voltage
13:12
C1SRC
00 (OFF)
Selects Comparator 1 Signal Source
11
C2REF
0 (AVDD/2)
Selects Comparator 1 Reference Voltage
10:9
C2SRC
00 (OFF)
Selects Comparator 1 Signal Source
Battery Alarm
8
DS
0
Selects differential microphone input pins. 0=MIC1
and MIC2, 1=LINEL and LINER
Analogue Inputs,
Microphone Input
7
AMEN
0 (OFF)
Enables DAC Auto-Mute
6:5
VBIAS
00
Selects analogue bias for lowest power, depending
on AVDD supply. 0X=3.3V, 10=2.5V, 11=1.8V
Power Management
4
ADCO
0
Selects source of SPDIF data. 0=from SDATAOUT,
1= from audio ADC
Digital Audio (SPDIF)
Output
3
HPF
0
Disables ADC high-pass filter
Audio ADC
2
ENT
0
Enables thermal sensor
Analogue Audio Outputs,
Thermal Sensor
5Ch
1:0
ASS
00
Selects time slots for stereo ADC data. 00=slots 3
and 4, 01=7/8, 10=6/9, 11=10/11
Audio ADC, ADC Slot
Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com