Electronic Components Datasheet Search
  English  ▼

X  

WM9715L Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM9715L
Description  AC??7 Audio and Touchpanel CODEC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9715L Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM9715L Datasheet HTML 3Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 4Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 5Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 6Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 7Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 8Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 9Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 10Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
Production Data
WM9715L
w
PD Rev 4.0 December 2007
7
ELECTRICAL CHARACTERISTICS
AUDIO OUTPUTS
Test Conditions
DBVDD=3.3V, DCVDD = 3.3V, AVDD=HPVDD=SPKVDD =3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 18-bit audio data unless
otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC to Line-Out (L/ROUT2 with 10k
Ω load)
Full-scale output
AVDD = 3.3V, PGA gains
set to 0dB
1
V rms
Signal to Noise Ratio
(A-weighted)
SNR
85
90
dB
Total Harmonic Distortion +
Noise
THD+N
-3dB output
-86
-80
dB
Power Supply Rejection
PSRR
100mV, 20Hz to 20kHz
signal on AVDD
50
dB
Speaker Output (LOUT2/ROUT2 with 8
Ω bridge tied load, INV=1)
Output Power
PO
Output power is very closely correlated with THD; see below.
Output Power at 1% THD
PO
400
mW
Abs. Max Output Power
POmax
500
mW
Total Harmonic Distortion
THD
PO=150mW
-65
0.05
dB
%
Signal to Noise Ratio
(A-weighted)
SNR
90
97
dB
Headphone Output (HPOUTL/R with 16
Ω or 32Ω load)
Output Power per channel
PO
Output power is very closely correlated with THD; see below.
PO=10mW, RL=16
Ω
-80
PO=10mW, RL=32
Ω
-81
PO=20mW, RL=16
Ω
-77
-70
Total Harmonic Distortion
(Note 1)
THD
PO=20mW, RL=32
Ω
-79
dB
Signal to Noise Ratio
(A-weighted)
SNR
90
95
dB
Note:
1.
All THD values are valid for the output power level quoted above – for example, at HPVDD=3.3V and RL=16
Ω, THD is
–80dB when output power is 10mW. Higher output power is possible, but will result in deterioration in THD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com