Electronic Components Datasheet Search
  English  ▼

X  

WM9715L Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM9715L
Description  AC??7 Audio and Touchpanel CODEC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9715L Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM9715L Datasheet HTML 4Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 5Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 6Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 7Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 8Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 9Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 10Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 11Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
WM9715L
Production Data
w
PD Rev 4.0 December 2007
8
AUDIO INPUTS
Test Conditions
DBVDD=3.3V, DCVDD = 3.3V, AVDD = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 18-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LINEINL/R, MICL/R and PHONE pins
AVDD = 3.3V
1.0
AVDD = 1.8V
0.545
Full Scale Input Signal Level
(for ADC 0dB Input at 0dB Gain)
VINFS
differential input mode
(MS = 01)
half of the value listed above
V rms
PHONE, LINEINL/R pins
PGA gain
10
17
22
Input Resistance
RIN
MIC1/2 pins
PGA gain
6
12
18
k
Ω
Input Capacitance
5
pF
Line input to ADC (LINEINL, LINEINR)
Signal to Noise Ratio
(A-weighted)
SNR
80
88
dB
Total Harmonic Distortion
THD
-6dBFs
-88
-80
dB
Power Supply Rejection
PSRR
20Hz to 20kHz
50
dB
Microphone input to 32Ω BTL ear speaker on OUT3/HPOUTL
Signal to Noise Ratio
(A-weighted)
SNR
80
dB
Total Harmonic Distortion
THD
-80
dB
Power Supply Rejection Ratio
PSRR
50
dB
AUXILIARY MONO DAC (AUXDAC)
Test Conditions
AVDD = 3.3V, TA = +25
oC, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
12
bits
Full scale output voltage
AVDD=3.3V
1
Vrms
Signal to Noise Ratio
(A-weighted)
SNR
65
70
dB
Total Harmonic Distortion
THD
-63
-50
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com