Electronic Components Datasheet Search
  English  ▼

X  

AD9960 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9960
Description  Mixed-Signal Front End (MxFE®)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9960 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9960 Datasheet HTML 2Page - Analog Devices AD9960 Datasheet HTML 3Page - Analog Devices AD9960 Datasheet HTML 4Page - Analog Devices AD9960 Datasheet HTML 5Page - Analog Devices AD9960 Datasheet HTML 6Page - Analog Devices AD9960 Datasheet HTML 7Page - Analog Devices AD9960 Datasheet HTML 8Page - Analog Devices AD9960 Datasheet HTML 9Page - Analog Devices AD9960 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD9960
Rev. 0 | Page 6 of 12
DIGITAL SPECIFICATIONS
AVDD = 3.3 V ± 5%, DVDD = CLKVDD = DRVDD = 3.3 V ± 10%.
Table 5. Digital Logic Levels
Parameter
Min
Typ
Max
Unit
CMOS LOGIC INPUTS
High Level Input Voltage
DRVDD – 0.7
V
Low Level Input Voltage
0.4
V
Input Leakage Current
12
μA
Input Capacitance
3
pF
CMOS LOGIC OUTPUTS (CLOAD = 5 pF)
High Level Output Voltage (IOH = 1 mA)
DRVDD – 0.7
V
Low Level Output Voltage (IOH = 1 mA)
0.4
V
Output Rise/Fall Time (High Strength Mode and CLOAD = 5 pF)
0.7/0.7
ns
Output Rise/Fall Time (Low Strength Mode and CLOAD = 5 pF)
1.0/1.0
ns
RESET
Minimum Low Pulse Width (Relative to fADC)
1
Clock cycles
Table 6. CLKIN Timing Specifications
Parameter
Min
Typ
Max
Unit
INPUT CLOCK
CLKIN Clock Rate with 2× CLK Multiplier
16
32
MHz
CLKIN Clock Rate without 2× CLK Multiplier
4
64
MHz
CLKIN Pulse Width High
12.5
ns
CLKIN Pulse Width Low
12.5
ns
Table 7. ADIO Port Timing Specifications
Parameter
Min
Typ
Max
Unit
READ OPERATION1
Output Data Rate
2
64
MSPS
Three-State Output Enable Time (tPZL)
3
ns
Three-State Output Disable Time (tPLZ)
3
ns
Rx Data Valid Time (tVT)
1.5
ns
Rx Data Output Delay (tOD)
4
ns
WRITE OPERATION
Tx Data Setup Time (tDS)
1
ns
Tx Data Hold Time (tDH)
2.5
ns
Latch Enable Time (tEN)
3
ns
Latch Disable Time (tDIS)
3
ns
1 CLOAD = 5 pF for digital data outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com