Electronic Components Datasheet Search
  English  ▼

X  

AD9960 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9960
Description  Mixed-Signal Front End (MxFE®)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9960 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9960 Datasheet HTML 3Page - Analog Devices AD9960 Datasheet HTML 4Page - Analog Devices AD9960 Datasheet HTML 5Page - Analog Devices AD9960 Datasheet HTML 6Page - Analog Devices AD9960 Datasheet HTML 7Page - Analog Devices AD9960 Datasheet HTML 8Page - Analog Devices AD9960 Datasheet HTML 9Page - Analog Devices AD9960 Datasheet HTML 10Page - Analog Devices AD9960 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD9960
Rev. 0 | Page 7 of 12
Table 8. Serial Port Timing Specifications
Parameter
Min
Typ
Max
Unit
WRITE OPERATION
SCLK Clock Rate (fSCLK)
32
MHz
SCLK Clock High (tHI)
14
ns
SCLK Clock Low (tLOW)
14
ns
SDIO to SCLK Setup Time (tDS)
14
ns
SCLK to SDIO Hold Time (tDH)
0
ns
SEN to SCLK Setup Time (tS)
14
ns
SCLK to SEN Hold Time (tH)
0
ns
READ OPERATION
SCLK Clock Rate (fSCLK)
32
MHz
SCLK Clock High (tHI)
14
ns
SCLK Clock Low (tLOW)
14
ns
SDIO to SCLK Setup Time (tDS)
14
ns
SCLK to SDIO Hold Time (tDH)
0
ns
SCLK to SDIO (or SDO) Data Valid Time (tDV)
14
ns
SEN to SDIO Output Valid to High-Z (tEZ)
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com