Electronic Components Datasheet Search
  English  ▼

X  

AD9960 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9960
Description  Mixed-Signal Front End (MxFE®)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9960 Datasheet(HTML) 3 Page - Analog Devices

  AD9960 Datasheet HTML 1Page - Analog Devices AD9960 Datasheet HTML 2Page - Analog Devices AD9960 Datasheet HTML 3Page - Analog Devices AD9960 Datasheet HTML 4Page - Analog Devices AD9960 Datasheet HTML 5Page - Analog Devices AD9960 Datasheet HTML 6Page - Analog Devices AD9960 Datasheet HTML 7Page - Analog Devices AD9960 Datasheet HTML 8Page - Analog Devices AD9960 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD9960
Rev. 0 | Page 3 of 12
GENERAL DESCRIPTION
The AD9960 is a member of the MxFE family, a group of
integrated mixed-signal front-end ICs optimized for specific
communications markets. The AD9960 has been optimized
for high performance, wireless applications using a half-duplex
protocol.
In the Rx signal path, the AD9960 integrates a dual simultane-
ous sampling SHA followed by a 14-bit muxed input ADC with
32 MSPS per channel capabilities. On the Tx signal path, it
integrates a dual 12-bit, 32 MSPS TxDAC®. The power bias of
the ADC and DACs can be reduced to support low power
operation modes. The AD9960 uses a single input clock pin
(CLKIN) to generate all internal clocks with an optional clock
doubler to generate the ADC sampling clock.
Both the Rx and Tx signal paths provide CIC and programma-
ble FIR filters with selectable decimation/interpolation factors
to reduce the DSP processing and analog filtering requirements.
A flexible bidirectional 16-bit data port is used to interface to
popular DSPs. The bus direction is controlled via the DSP with
the AD9960 generating a frame sync pulse indicating when valid
interleaved Rx data begins to appear on the bus or when the
DSP can place valid complex or real Tx data on to the bus.
GPIO pins are available to support different DSP requirements.
The AD9960 also integrates auxiliary functions accessible via
serial programmable interface (SPI) registers. Three muxed-
input ADCs provide the ability to monitor up to 10 channels,
while two voltage DACs can be used for control purposes. The
full-scale input/output levels of each of these 10-bit resolution
converters are also individually programmable. Also included
are nine GPIO pins that are SPI-configurable. A 3- or 4- wire
SPI is used to configure the AD9960’s many modes of operation.
The AD9960 is packaged in an 80-lead LQFP (low profile quad
flat package) and is specified over the −40°C to +85°C tempera-
ture range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com