Electronic Components Datasheet Search
  English  ▼

X  

AD9960 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9960
Description  Mixed-Signal Front End (MxFE®)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9960 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9960 Datasheet HTML 4Page - Analog Devices AD9960 Datasheet HTML 5Page - Analog Devices AD9960 Datasheet HTML 6Page - Analog Devices AD9960 Datasheet HTML 7Page - Analog Devices AD9960 Datasheet HTML 8Page - Analog Devices AD9960 Datasheet HTML 9Page - Analog Devices AD9960 Datasheet HTML 10Page - Analog Devices AD9960 Datasheet HTML 11Page - Analog Devices AD9960 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD9960
Rev. 0 | Page 9 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
AVSS
3
VIN_I–
4
VIN_I+
7
VIN_Q–
6
VIN_Q+
5
AVSS
1
AVDD
8
AVDD
9
REFIO
10
FSADJ
12
IOUT_I–
13
IOUT_I+
14
AVSS
15
AVSS
16
IOUT_Q+
17
IOUT_Q–
18
AVDD
19
AUXDAC1
20
AUXDAC2
11
AVDD
59
58
57
54
55
56
60
53
52
DCLK
FS
ADIO15
ADIO12
ADIO13
ADIO14
DRVSS
ADIO11
ADIO10
51
ADIO9
49
ADIO7
48
ADIO6
47
ADIO5
46
ADIO4
45
ADIO3
44
ADIO2
43
ADIO1
42
ADIO0
41
TX_RXEN
50
ADIO8
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
PIN 1
IDENTIFIER
AD9960
FRID BASEBAND IC
Figure 2. AD9960 Pin Configuration
Table 11. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 8, 11, 18, 23, 76
AVDD
Analog Supply Input
2, 5, 14, 15, 21, 80
AVSS
Analog Supply Return
3, 4
VIN_I−, VIN_I+
I-Channel Differential Voltage Rx Input
6, 7
VIN_Q+, VIN_Q−
Q-Channel Differential Voltage Rx Input
9
REFIO
I and Q TxDACs Reference Input/Output
10
FSADJ
I and Q TxDACs Full-Scale Current Adjust
12, 13
IOUT_I−, IOUT_I+
I TxDAC Differential Current Output
16, 17
IOUT_Q+, IOUT_Q−
Q TxDAC Differential Current Output
19, 20
AUXDAC1, AUXDAC2
Voltage Output of Auxiliary DACs
22
AUX_REG
Regulator Output that Sets Full-Scale Span for All Auxiliary ADCs and DACs
24 to 27
AUXADC1[0] to
AUXADC1[3]
Voltage Inputs to Auxiliary 4-Channel Muxed ADC1
28 to 31
AUXADC2[0] to
AUXADC2[3]
Voltage Inputs to Auxiliary 4-Channel Muxed ADC2
32 to 33
AUXADC3[0] to
AUXADC3[1]
Voltage Inputs to Auxiliary 2-Channel Muxed ADC3
34
RESET
Reset Input (Active Low)
35
GPIO_3
General-Purpose Input/Output (or Single-Bit Tx Mode Data Input)
36
GPIO_2
General-Purpose Input/Output (or Single-Bit Tx Mode Clock Output)
37
GPIO_1
General-Purpose Input/Output (or TI DSP Interface Control Output)
38
GPIO_0
General-Purpose Input/Output (or TI DSP Interface Control Output)
39, 67
DVDD
Digital Supply Input
40, 66
DVSS
Digital Supply Return



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com