Electronic Components Datasheet Search
  English  ▼

X  

ADPL21610 Datasheet(PDF) 3 Page - Analog Devices

Part # ADPL21610
Description  1.1A Step-Up DC/DC Converter with Integrated Soft-Start
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL21610 Datasheet(HTML) 3 Page - Analog Devices

  ADPL21610 Datasheet HTML 1Page - Analog Devices ADPL21610 Datasheet HTML 2Page - Analog Devices ADPL21610 Datasheet HTML 3Page - Analog Devices ADPL21610 Datasheet HTML 4Page - Analog Devices ADPL21610 Datasheet HTML 5Page - Analog Devices ADPL21610 Datasheet HTML 6Page - Analog Devices ADPL21610 Datasheet HTML 7Page - Analog Devices ADPL21610 Datasheet HTML 8Page - Analog Devices ADPL21610 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
VIN Voltage............................................................................16V
SW Voltage............................................................. –0.4V to 42V
FB Voltage............................................................................2.5V
Current Into FB Pin .......................................................... ±1mA
SHDN
Voltage ..................................................................... 16V
Maximum Junction Temperature ..................................... 125°C
Operating Junction Temperature Range (Note 2)
E-Grade ............................................................–40°C to 85°C
Storage Temperature Range..............................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TSOT .............................................................................300°C
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 3V, VSHDN = VIN unless otherwise noted.
Electrical Characteristics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to
any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime.
Note 2: The ADPL21610 are guaranteed to meet performance specifications from 0°C to 85°C, junction temperature. Specifications
over the –40°C to 85°C operating junction temperature range are assured by design, characterization and correlation with
statistical process controls.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.4
2.7
V
Maximum Operating Voltage
16
V
Feedback Voltage
1.230
1.270
V
l
1.220
1.255
1.280
V
FB Pin Bias Current
(Note 1)
l
10
50
nA
Quiescent Current
VSHDN = 2.4V, Not Switching
1.5
2
mA
Quiescent Current in Shutdown
VSHDN = 0.5V, VIN = 3V
0.01
1
µA
Reference Line Regulation
2.7V ≤ VIN ≤ 16V
0.01
0.05
%/V
Switching Frequency
1
1.3
1.6
MHz
Maximum Duty Cycle
88
94
%
l
87
%
Minimum Duty Cycle
10
%
Switch Current Limit
At Minimum Duty Cycle
At Maximum Duty Cycle (Note 2)
1.4
0.8
1.8
1.2
2
1.9
A
A
Switch VCESAT
ISW = 1.1A
330
500
mV
Switch Leakage Current
VSW = 5V
0.01
1
µA
SHDN
Input Voltage High
2.7
V
SHDN
Input Voltage Low
0.5
V
SHDN
Pin Bias Current
VSHDN = 3V
VSHDN = 0V
16
0
32
0.1
µA
µA
SS Charging Current
VSS = 0.5V
2
3
4.5
µA
Note 1: Current flows out of the pin.
Note 2: See Figure 6 in Typical Performance Characteristics section for guaranteed Current Limit vs. Duty Cycle.
www.analog.com
Analog Devices │ 3
ADPL21610
1.1A Step-Up DC/DC
Converter with Integrated Soft-Start
Absolute Maximum Ratings (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com