Electronic Components Datasheet Search
  English  ▼

X  

ADPL21610 Datasheet(PDF) 8 Page - Analog Devices

Part # ADPL21610
Description  1.1A Step-Up DC/DC Converter with Integrated Soft-Start
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL21610 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADPL21610 Datasheet HTML 4Page - Analog Devices ADPL21610 Datasheet HTML 5Page - Analog Devices ADPL21610 Datasheet HTML 6Page - Analog Devices ADPL21610 Datasheet HTML 7Page - Analog Devices ADPL21610 Datasheet HTML 8Page - Analog Devices ADPL21610 Datasheet HTML 9Page - Analog Devices ADPL21610 Datasheet HTML 10Page - Analog Devices ADPL21610 Datasheet HTML 11Page - Analog Devices ADPL21610 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
The decision to use either low ESR (ceramic) capaci-
tors or the higher ESR (tantalum or OS-CON) capaci-
tors can affect the stability of the overall system. The
ESR of any capacitor, along with the capacitance itself,
contributes a zero to the system. For the tantalum and
OS-CON capacitors, this zero is located at a lower
frequency due to the higher value of the ESR, while
the zero of a ceramic capacitor is at a much higher
frequency and can generally be ignored.
A phase lead zero can be intentionally introduced by
placing a capacitor (C4) in parallel with the resistor
(R1) between VOUT and VFB as shown in Figure 1. The
frequency of the zero is determined by the following
equation.
fZ =
1
2� x R1 x C4
By choosing the appropriate values for the resistor
and capacitor, the zero frequency can be designed to
improve the phase margin of the overall converter. The
typical target value for the zero frequency is between
35kHz to 55kHz.
Diode Selection
A Schottky diode is recommended for use with the
ADPL21610. The Philips PMEG 2005 is a very good
choice. Where the switch voltage exceeds 20V, use
the PMEG 3005 (a 30V diode). These diodes are
rated to handle an average forward current of 0.5A.
In applications where the average forward current of
the diode exceeds 0.5A, a Philips PMEG 2010 rated
at 1A is recommended. For higher efficiency, use a
diode with better thermal characteristics such as the
On Semiconductor MBRM120 (a 20V diode) or the
MBRM140 (a 40V diode).
Setting Output Voltage
To set the output voltage, select the values of R1 and
R2 (see Figure 1) according to the following equation.
R1 = R2
1
VOUT
1.255V
–
A good value for R2 is 13.3kΩ which sets the current
in the resistor divider chain to 1.255V/13.3kΩ = 94µA.
Layout Hints
The high speed operation of the ADPL21610 demands
careful attention to board layout. You will not get adver-
tised performance with careless layout. Figure 11a
shows the recommended component placement for
the ThinSOT package. Figure 11b shows the recom-
mended component placement for the DFN package.
Note the vias under the Exposed Pad. These should
connect to a local ground plane for better thermal per-
formance.
www.analog.com
Analog Devices │ 8
ADPL21610
1.1A Step-Up DC/DC
Converter with Integrated Soft-Start
Figure 11a. Suggested Layout—ThinSOT
Figure 11b. Suggested Layout—DFN
R2
R1
GND
C2
C3
L1
D1
C1
VOUT
VOUT
VIN
SHDN
FB
CSS
SS
1
2
3
6
5
4
R2
R1
GND
C2
C1
L1
D1
VOUT
VOUT
C3
FB
CSS
VIN
1
2
3
4
8
7
6
5
SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com