Electronic Components Datasheet Search
  English  ▼

X  

ADPL21610 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPL21610
Description  1.1A Step-Up DC/DC Converter with Integrated Soft-Start
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL21610 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPL21610 Datasheet HTML 2Page - Analog Devices ADPL21610 Datasheet HTML 3Page - Analog Devices ADPL21610 Datasheet HTML 4Page - Analog Devices ADPL21610 Datasheet HTML 5Page - Analog Devices ADPL21610 Datasheet HTML 6Page - Analog Devices ADPL21610 Datasheet HTML 7Page - Analog Devices ADPL21610 Datasheet HTML 8Page - Analog Devices ADPL21610 Datasheet HTML 9Page - Analog Devices ADPL21610 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Operation
The ADPL21610 uses a constant-frequency, current-
mode control scheme to provide excellent line and
load regulation. See the Block Diagram for more
details. At the start of each oscillator cycle, the SR
latch is set, which turns on the power switch Q1. A
voltage proportional to the switch current is added
to a stabilizing ramp, and the resulting sum is fed
into the positive terminal of the PWM comparator
A2. When this voltage exceeds the level at the nega-
tive input of A2, the SR latch is reset, turning off the
power switch. The level at the negative input of A2 is
set by the error amplifier A1, and is simply an ampli-
fied version of the difference between the feedback
voltage and the reference voltage of 1.255V. In this
manner, the error amplifier sets the correct peak cur-
rent level to keep the output in regulation. If the error
amplifier’s output increases, more current is delivered
to the output. Similarly, if the error decreases, less
current is delivered. The soft-start feature of the
ADPL21610 enables clean start-up conditions by limit-
ing the rate of voltage rise at the output of comparator
A1, which, in turn, limits the peak switch current. The
soft-start pin is connected to a reference voltage of
1.255V through a 250kΩ resistor, providing 4µA of
current to charge the soft-start capacitor. Typical
values for the soft-start capacitor range from 10nF
to 200nF. The ADPL21610 has a current limit circuit
not shown in the Block Diagram. The switch current
is constantly monitored and not allowed to exceed
the maximum switch current (typically 1.4A). If the
switch current reaches this value, the SR latch is reset
regardless of the state of comparator A2. This current
limit protects both the power switch and the external
components connected to the ADPL21610.
www.analog.com
Analog Devices │ 6
ADPL21610
1.1A Step-Up DC/DC
Converter with Integrated Soft-Start
Block Diagram
–
+
R
Q
S
0.01Ω
SW
DRIVER
COMPARATOR
SHDN
VIN
SS
FB
–
+
Σ
RAMP
GENERATOR
1.255V
REFERENCE
RC
CC
1.3MHz
OSCILLATOR
GND
Q1
A2
A1
R1 (EXTERNAL)
R2 (EXTERNAL)
FB
VOUT
SHUTDOWN
250kΩ
Figure 10. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com