Electronic Components Datasheet Search
  English  ▼

X  

ADPL21610 Datasheet(PDF) 7 Page - Analog Devices

Part # ADPL21610
Description  1.1A Step-Up DC/DC Converter with Integrated Soft-Start
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL21610 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPL21610 Datasheet HTML 3Page - Analog Devices ADPL21610 Datasheet HTML 4Page - Analog Devices ADPL21610 Datasheet HTML 5Page - Analog Devices ADPL21610 Datasheet HTML 6Page - Analog Devices ADPL21610 Datasheet HTML 7Page - Analog Devices ADPL21610 Datasheet HTML 8Page - Analog Devices ADPL21610 Datasheet HTML 9Page - Analog Devices ADPL21610 Datasheet HTML 10Page - Analog Devices ADPL21610 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Operation
Duty Cycle
The typical maximum duty cycle of the ADPL21610 is
94% . The duty cycle for a given application is given by:
DC =
| VOUT | + | VD | – | VIN |
| VOUT | + | VD | – | VCESAT |
where VD is the diode forward voltage drop and
VCESAT is, in the worst case, 330mV (at 1.1A).
The ADPL21610 can be used at higher duty cycles,
but must be operated in the discontinuous conduction
mode so that the actual duty cycle is reduced.
Setting Output Voltage
R1 and R2 determine the output voltage.
VOUT = 1.255V (1+ R1/R2)
Switching Frequency and Inductor Selection
The ADPL21610 switches at 1.3 MHz, allowing small-
valued inductors to be used. 4.7µH or 10µH will usually
suffice. Choose an inductor that can handle at least
1.2A without saturating, and ensure that the inductor
has a low DCR (copper-wire resistance) to minimize
I2R power losses. Note that in some applications, the
current handling requirements of the inductor can be
lower, such as in the SEPIC topology, where each
inductor only carries one-half of the total switch cur-
rent. For better efficiency, use similar valued inductors
with a larger volume. Many different sizes and shapes
are available from various manufacturers. Choose a
core material that has low losses at 1.3MHz, such as
a ferrite core.
Soft-Start
The soft-start feature provides a way to limit the
inrush current drawn from the supply upon start-up.
An internal 250k resistor charges the external soft-
start capacitor to 1.255V. After the capacitor reaches
0.15V, the rate of voltage rise at the output of the
comparator A1 tracks the rate of voltage rise of the
soft-start capacitor. This limits the inrush current drawn
from the supply during start-up. The soft-start feature
plays another important role in applications where the
switch will reach levels of 30V or higher. During start-
up, excessively high switch current, together with the
presence of high voltage, can overstress the switch.
A properly used soft-start feature will keep the switch
current from overshooting. This practice will greatly
improve the robustness of such designs. Once the
part is shut down, the soft-start capacitor is quickly
discharged to 0.4V, then slowly discharged through the
250kΩ resistor to ground. If the part is to be shut down
and re-enabled within a short period of time while using
soft-start, you must ensure that the soft-start capacitor
has sufficient time to discharge before re-enabling the
part. Typical values of the soft-start capacitor range
from 10nF to 200nF.
Capacitor Selection
Low Equivalent series resistance (ESR) capacitors
should be used at the output to minimize the output
ripple voltage. Multi-layer ceramic capacitors are an
excellent choice, as they have extremely low ESR and
are available in very small packages. X5R dielectrics
are preferred, followed by X7R, as these materials
retain their capacitance over a wide range of voltages
and temperatures. A 4.7µF to 15µF output capacitor
is sufficient for most applications; however, systems
with very low output currents may require only a 1µF
or 2.2µF output capacitor. Solid tantalum or OS-CON
capacitors can be used, but they will occupy more
board area than ceramic capacitors and will have a
higher ESR. Always use a capacitor with a sufficient
voltage rating.
Ceramic capacitors also make a good choice for the
input decoupling capacitor, which should be placed as
close as possible to the ADPL21610. A 1µF to 4.7µF
input capacitor is sufficient for most applications.
Table 2
lists several ceramic capacitor manufacturers.
Consult the manufacturers for detailed information on
their entire selection of ceramic parts.
www.analog.com
Analog Devices │ 7
ADPL21610
1.1A Step-Up DC/DC
Converter with Integrated Soft-Start
Table 1. Inductor Manufacturers
MANUFACTURER
WEB
Sumida
www.sumida.com
TDK
www.tdk.com
Murata
www.murata.com
FDK
www.fdk.co.jp
Table 2. Ceramic Capacitor Manufacturers
MANUFACTURER
WEB
Taiyo Yuden
www.t-yuden.com
AVX
www.avxcorp.com
Murata
www.murata.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com