Electronic Components Datasheet Search
  English  ▼

X  

TMP442 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP442
Description  TMP4719-Q1 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP442 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP442 Datasheet HTML 17Page - Texas Instruments TMP442 Datasheet HTML 18Page - Texas Instruments TMP442 Datasheet HTML 19Page - Texas Instruments TMP442 Datasheet HTML 20Page - Texas Instruments TMP442 Datasheet HTML 21Page - Texas Instruments TMP442 Datasheet HTML 22Page - Texas Instruments TMP442 Datasheet HTML 23Page - Texas Instruments TMP442 Datasheet HTML 24Page - Texas Instruments TMP442 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Byte: 1010 1010 (AAh)
MSB
SCL
SDA
Bit
Bit
Bit
Bit
Bit
Bit
LSB
ACK
1
0
1
0
1
0
1
0
ACK
SDA line is stable while SCL line is high
Figure 7-11. Bit Transfer
7.5.3 Serial Bus Address
The serial bus address consists of a 7-bit value, followed by an 8th bit that indicates whether the controller is
issuing a Read or a Write command. If the 8th bit is a logic '0', the controller is writing data to the target device. If
the 8th bit is a logic '1', the controller is reading data from the target device.
The 7-bit serial bus address for TMP4719 is 4Dh (1001101b).
7.5.4 Bus Transactions
Registers are locations in the memory of the target that contain information, including configuration information
and sampled data to send back to the controller. The controller must write information to these registers to
instruct the target device to perform a task.
7.5.4.1 Writes
To write on the I2C bus, the controller sends a START condition on the bus with the address of the target, as well
as the last bit (the R/W bit) set to 0, which signifies a write. The target acknowledges, letting the controller know
the target is ready. After this, the controller starts sending the register pointer followed by the register data to the
target. The controller terminates the transmission with a STOP condition.
Writes to read-only registers or register locations outside of the register map are ignored, and the TMP4719-Q1
performs a NACK to the data that the controller tries to send.
Figure 7-12 shows an example of writing a single-byte write communication. TMP4719-Q1 does not support
multiple-byte writes.
www.ti.com
TMP4719-Q1
SLVSJS0 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMP4719-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com