Electronic Components Datasheet Search
  English  ▼

X  

TMP442 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP442
Description  TMP4719-Q1 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP442 Datasheet(HTML) 4 Page - Texas Instruments

  TMP442 Datasheet HTML 1Page - Texas Instruments TMP442 Datasheet HTML 2Page - Texas Instruments TMP442 Datasheet HTML 3Page - Texas Instruments TMP442 Datasheet HTML 4Page - Texas Instruments TMP442 Datasheet HTML 5Page - Texas Instruments TMP442 Datasheet HTML 6Page - Texas Instruments TMP442 Datasheet HTML 7Page - Texas Instruments TMP442 Datasheet HTML 8Page - Texas Instruments TMP442 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
5 Pin Configuration and Functions
1
V DD 
10
SCL
2
DP1
9
SDA
3
DN1
8
ALERT
4
DP2
7
T_CRIT
5
DN2
6
GND
Not to scale
Figure 5-1. DGS Package 10-Pin VSSOP Top View
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
VDD
1
P
Supply Pin. Bypass to GND with a 0.1μF capacitor.
DP1
2
I/O
Positive (anode) connection to the remote diode for channel 1. Leave DP1 and DN1 open if no remote
diode is used. Place a 470pF capacitor between DP1 and DN1 for noise filtering (if needed).
DN1
3
I/O
Negative (cathode) connection to the remote diode for channel 1. Leave DP1 and DN1 open if no
remote diode is used. Place a 470pF capacitor between DP1 and DN1 for noise filtering (if needed).
DP2
4
I/O
Positive (anode) connection to the remote diode for channel 2. Leave DP2 and DN2 open if no remote
diode is used. Place a 470pF capacitor between DP2 and DN2 for noise filtering (if needed).
DN2
5
I/O
Negative (cathode) connection to the remote diode for channel 2. Leave DP2 and DN2 open if no
remote diode is used. Place a 470pF capacitor between DP2 and DN2 for noise filtering (if needed).
GND
6
G
Ground connection
T_CRIT
7
I/O
Open-drain critical temperature alert pin. A pullup resistor to VDD (or a separate bus) is required.
T_CRIT and ALERT pins can be floating if not in use.
ALERT
8
O
Open-drain temperature alert pin. A pullup resistor to VDD (or a separate bus) is required. T_CRIT and
ALERT pins can be floating if not in use.
SDA
9
I/O
Open-drain serial data line. Requires a pullup resistor.
SCL
10
I
Input serial data line clock. Note I2C clock stretching is not supported.
(1)
I = Input; O = Output; I/O = Input or Output; G = Ground; P = Power/Supply
TMP4719-Q1
SLVSJS0 – DECEMBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP4719-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com