Electronic Components Datasheet Search
  English  ▼

X  

TMP442 Datasheet(PDF) 35 Page - Texas Instruments

Part # TMP442
Description  TMP4719-Q1 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP442 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMP442 Datasheet HTML 31Page - Texas Instruments TMP442 Datasheet HTML 32Page - Texas Instruments TMP442 Datasheet HTML 33Page - Texas Instruments TMP442 Datasheet HTML 34Page - Texas Instruments TMP442 Datasheet HTML 35Page - Texas Instruments TMP442 Datasheet HTML 36Page - Texas Instruments TMP442 Datasheet HTML 37Page - Texas Instruments TMP442 Datasheet HTML 38Page - Texas Instruments TMP442 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
8.14 THigh_Limit_Remote_Ch1_Low Register (Address = 13h) [reset = 00h]
This register is used to configure the low byte (bits 3:0) of the temperature high limit for remote channel 1.
Return to Register Map.
Figure 8-14. THigh_Limit_Remote_Ch 1_Low Register
7
6
5
4
3
2
1
0
THigh_Limit_Remote_Ch1_Low[3:0]
Reserved
R/W-0h
R-0h
Table 8-16. THigh_Limit_Remote_Ch 1_Low Register Field Descriptions
Bit
Field
Type
Reset
Description
7:4
THigh_Limit_Remote_Ch1_Low[3:0] R/W
0h
Low-byte (bits 3:0) of the 12-bit temperature alert high limit
setting for remote channel 1.
Use the THigh_Limit_Remote_Ch1_High register together with
the THigh_Limit_Remote_Ch1_Low register to get the full 12-bit
temperature alert high limit for remote channel 1.
3:0
Reserved
R
0h
Reserved
8.15 TLow_Limit_Remote_Ch1_Low Register (Address = 14h) [reset = 00h]
This register is used to configure the low byte (bits 3:0) of the temperature low limit for remote channel 1.
Return to Register Map.
Figure 8-15. TLow_Limit_Remote_Ch1_Low Register
7
6
5
4
3
2
1
0
TLow_Limit_Remote_Ch1_Low[3:0]
Reserved
R/W-0h
R-0h
Table 8-17. TLow_Limit_Remote_Ch1_Low Register Field Descriptions
Bit
Field
Type
Reset
Description
7:4
TLow_Limit_Remote_Ch1_Low [3:0] R/W
0h
Low-byte (bits 3:0) of the 12-bit temperature alert low limit
setting for remote channel 1.
Use the TLow_Limit_Remote_Ch1_High register together with
the TLow_Limit_Remote_Ch1_Low register to get the full 12-bit
temperature alert low limit for remote channel 1.
3:0
Reserved
R
0h
Reserved
www.ti.com
TMP4719-Q1
SLVSJS0 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: TMP4719-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com