Electronic Components Datasheet Search
  English  ▼

X  

3030A Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # 3030A
Description  Wideband RF Digitizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

3030A Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  3030A Datasheet HTML 1Page - Aeroflex Circuit Technology 3030A Datasheet HTML 2Page - Aeroflex Circuit Technology 3030A Datasheet HTML 3Page - Aeroflex Circuit Technology 3030A Datasheet HTML 4Page - Aeroflex Circuit Technology 3030A Datasheet HTML 5Page - Aeroflex Circuit Technology 3030A Datasheet HTML 6Page - Aeroflex Circuit Technology 3030A Datasheet HTML 7Page - Aeroflex Circuit Technology 3030A Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For the ver y latest specif ications visit
w w w.aeroflex.com
IIF
F O
OU
UT
TP
PU
UT
T
Frequency
Center 77.76 MHz
Level
Relative to RF input (0 dB input attenuation selected)
Typically -3 dB between 330 MHz to 2.5 GHz
Typically -5 dB between 2.5 GHz to 3 GHz
Bandwidth
Typically >100 MHz (-3 dB)
A
A/
/D
D C
CO
ON
NV
VE
ER
RS
SIIO
ON
N
Resolution
14 bits
ADC Clock
Fixed 103.68 MHz
Sample Rate Control
IF: 103.68 MHz
IQ: Variable 6328.125 S/s to 85 MS/s or 51.84 MS/s with LVDS out-
put enabled
Sample Rate Resolution
0.1 Hz when the sample rate is enterred as a real number
Sample rate can be entered as a fraction made up of integers
Sample Rate Accuracy
As per 10 MHz ref(1)
(1)
add ±2 µHz when using generic resampling mode
Amplitude Flatness (correction on)
Flatness correction on: 0.25 dB to 33 MHz, 0.1 dB across center
5 MHz
Phase Flatness (typical with correction on)
0.03 radians pk-pk to 33 MHz
Data Output
A sample data block (equal to the data capture length) can be stored
to the memory internal to the 3030 and then transferred to the con-
troller via the PCI bus. Sample data can be continuously streamed out
of the LVDS connector.
IF data samples have 16 bit resolution. IQ data samples can be 16 or
32 bit resolution.
Data Transfer Rate
Typically 10 Mwords/s (a word is 32 bits long)
IQ and IF block data transfer when using 2.2 GHz embedded CPU run-
ning windows XP
Sample Memory
128 M x 16 bit samples
T
TR
RIIG
GG
GE
ER
RIIN
NG
G
Trigger Mode
Single, Repeat
Trigger Type
Edge, Gated, NONE (software triggered)
Hardware Trigger Sources
Internal (IF, derived from IQ data with user defined level control)
External (LVDS, LBL, Trig Bus, Star Trigger, TTL)
Trigger Polarity
+ve or –ve (Edge trigger) Gate High, Gate Low (Gated trigger)
TRIGGER FUNCTIONS
Pre-trigger
0 to sample length
Delayed Trigger
–10 to + 2G samples
Trigger Latency
0 to 1 sample at the output sample rate
F
FF
FT
T S
SP
PE
EC
CT
TR
RU
UM
M A
AN
NA
AL
LY
YZ
ZE
ER
R M
ME
EA
AS
SU
UR
RE
EM
ME
EN
NT
T S
SU
UIIT
TE
E
FFT Length
2n for n = 7 to 16
Measurement Bandwidth
2 Hz up to 10 MHz
Window Type
NEBW: Gaussian 3 dB: Gaussian Fixed: Blackman Harris 5 term
Channel Power and Adjacent Channel Power
Adjacent Channels: 2 upper and 2 lower subject to 33 MHz bandwidth
limitation
Channel filter alpha: 0 to 1
Channel spacing: up to 15 MHz
Channel width: up to 25 MHz
Occupied Bandwidth (OBW)
Percentage range: 1% to 99.99%
Marker Functions
Marker power, peak search, next peak
Time Domain Functions
(Computed for the entire IQ sample record or any subset) Average
Power, Power versus Time, Frequency versus Time
IIN
NT
TE
ER
RF
FA
AC
CE
ES
S
3010/11
LO output, (SMA)
10 MHz reference I/O (SMA x 2)
PCI bus interface including PXI triggering functions
3030A
RF input (SMA)
Local oscillator input (SMA)
IF output and; IF input (SMA * 2)
10 MHz reference (SMA * 2)
IF or IQ 16 bit LVDS data (VHDCI)
PCI bus interface including PXI triggering functions
TTL trigger (SMB)
P
PO
OW
WE
ER
R C
CO
ON
NS
SU
UM
MP
PT
TIIO
ON
N ((T
TY
YP
PIIC
CA
AL
L))
3010/3011
3030A
+3.3 V
50 mA(1)
3 A
+5 V
650 mA
1.5 A
+12 V
50 mA(2)
300 mA
-12 V
30 mA
150 mA
1. 250 mA transiently during power up
2. 3011 OCXO requires 300 mA startup reducing to 150 mA after 5
minutes



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com