Electronic Components Datasheet Search
  English  ▼

X  

3030A Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # 3030A
Description  Wideband RF Digitizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

3030A Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

  3030A Datasheet HTML 1Page - Aeroflex Circuit Technology 3030A Datasheet HTML 2Page - Aeroflex Circuit Technology 3030A Datasheet HTML 3Page - Aeroflex Circuit Technology 3030A Datasheet HTML 4Page - Aeroflex Circuit Technology 3030A Datasheet HTML 5Page - Aeroflex Circuit Technology 3030A Datasheet HTML 6Page - Aeroflex Circuit Technology 3030A Datasheet HTML 7Page - Aeroflex Circuit Technology 3030A Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
For the ver y latest specif ications visit
w w w.aeroflex.com
V
VE
ER
RS
SIIO
ON
NS
S,, O
OP
PT
TIIO
ON
NS
S A
AN
ND
D A
AC
CC
CE
ES
SS
SO
OR
RIIE
ES
S
When ordering please quote the full ordering number information.
Ordering
Numbers
Versions
3030A
PXI Wideband RF Digitizer
3010
PXI RF Synthesizer
3011
PXI RF Synthesizer (including OCXO 10 MHz
reference)
Supplied with:
The 3030A and 3010/11 are each supplied with:
CD ROM containing drivers, application software
and user documentation.
CD ROM containing factory test data and
calibration certificate
2 x SMA-SMA links
Options
3010/11 Opt 01 High speed frequency switching (subject to export
control)
Optional Application Libraries (supplied on
separate CDROM) See separate data sheets
3030 Opt 100
GSM/EDGE measurement suite
3030 Opt 101
UMTS/HSUPA uplink measurement suite
3030 Opt 102
cdma2000/1xEV-DO reverse link measurement
suite
3030 Opt 103
WLAN measurment suite
3030 Opt 104
WiMAX measurement suite
When purchased as an upgrade, order as:
RTROPT100/3030 GSM/EDGE enable
RTROPT101/3030 UMTS uplink enable
RTROPT102/3030 cdma2000 reverse link enable
RTROPT103/3030 WLAN enable
RTSOPT104/3030 WiMAX enable
Service Options
W3010/103
3010 Standard Extended Warranty 36 months
W3030/103
3030 Standard Extended Warranty 36 months
W3010/103C
3010 Standard Extended Warranty 36 months with
scheduled calibration
W3030/103C
3030 Standard Extended Warranty 36 months with
scheduled calibration
W3010/105
3010 Standard Extended Warranty 60 months
W3030/105
3030 Standard Extended Warranty 60 months
W3010/105C
3010 Standard Extended Warranty 60 months with
scheduled calibration
W3030/105C
3030 Standard Extended Warranty 60 months with
scheduled calibration
Optional Accessories
43139/590
SMA link cable
23435/698
68 way VHDCI to SCSI-3 cable assy 1.8 m
23435/699
68 way VHDCI to VHDCI cable assy 1.8 m
46885/224
SMA connector saver
82536
PXI assy, 8 slot chassis with 2.2 GHz P4 embedded
controller (Windows XP)
82544
PXI assy, 8 slot chassis with MXI-4 PCI-PXI inter-
face
82538
PXI assy, 18 slot chassis with 2.2 GHz P4 embed-
ded controller (Windows XP)
82545
PXI assy, 18 slot chassis with MXI-4 PCI-PXI inter-
face
46662/767
PXI hard carry case (for use with 82536, 82544)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com