Electronic Components Datasheet Search
  English  ▼

X  

3030A Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # 3030A
Description  Wideband RF Digitizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

3030A Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  3030A Datasheet HTML 1Page - Aeroflex Circuit Technology 3030A Datasheet HTML 2Page - Aeroflex Circuit Technology 3030A Datasheet HTML 3Page - Aeroflex Circuit Technology 3030A Datasheet HTML 4Page - Aeroflex Circuit Technology 3030A Datasheet HTML 5Page - Aeroflex Circuit Technology 3030A Datasheet HTML 6Page - Aeroflex Circuit Technology 3030A Datasheet HTML 7Page - Aeroflex Circuit Technology 3030A Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For the ver y latest specif ications visit
w w w.aeroflex.com
F
Fu
ulllly
y ffe
ea
attu
urre
ed
d w
wiid
de
eb
ba
an
nd
d P
PX
XII R
RF
F D
Diig
giittiiz
ze
err m
mo
od
du
ulle
e ffo
orr c
co
om
mp
plle
ex
x s
siig
gn
na
all a
an
na
ally
ys
siis
s
a
ap
pp
plliic
ca
attiio
on
ns
s iin
n c
co
om
mm
mu
un
niic
ca
attiio
on
ns
s s
sy
ys
stte
em
m tte
es
stt
PXI Modules
3030A Wideband RFDigitizer
•
Frequency range 330 MHz to 3 GHz
•
36 wide MHz digitized corrected band-
width
•
14 bit A/D resolution with 103.68 MHz
sample rate
•
75 dB spurious free dynamic range
•
75 dB intermodulation free dynamic
range
•
Noise spectral density <-145 dBm/Hz
•
Excellent level accuracy of typically
0.3 dB
•
List Mode for fast frequency and level
settling
•
Digital IQ or digital IF output
•
128 M samples digital IF memory
•
Real time digital IF/IQ output via LVDS
interface
•
IF In and IF Out
•
FFT Spectrum Analyzer Measurement
Suite
•
PXI Studio application software
Analyzing RF communciations signals has
never been more flexible
The combination of PXI modules 3030A and 3010
form a compact 3U high precision RF Digitizer
occupying just 3 slots. Together with measure-
ment application software supplied they provide
first class vector signal analysis of RF signals.
Their functionality and performance are ideally matched to the
needs of RF test systems for manufacturing or design verification.
The 2 slot wide 3030A frequency down converts and digitizes RF sig-
nals in the range 330 MHz to 3 GHz providing an instantaneous
analysis bandwidth of up to 36 MHz. The single slot wide 3010 / 3011
RF Synthesizer module provides the low phase noise, frequency agile
local oscillator input to the RF digitizer.
The 3030A offers high linearity, low noise and excellent level accura-
cy performance making it especially suited for the analysis of WLAN,
WMAN and 2G / 3G cellular radio signals. The 3030A outputs
amplitude and phase corrected digital IF or IQ data samples with an
absolute amplitude accuracy of better than 0.45 dB (typically 0.3 dB).
Correction ensures amplitude flatness is maintained better than
0.25 dB across 33 MHz bandwidth with phase compensation better
than 0.03 radians pk-pk.
The Aeroflex PXI Studio application software provides a basic
framework for vector signal analysis. As standard PXI Studio sup-
ports hardware configuration, control and display of IQ data in vari-
ous domains ideal for general purpose testing and alignment of radio
communications transmitters and components. As they become
available, optional measurement library plugins to the basic software
can then easily be added.
Plugin libraries integrate existing .dll
measurement library options within the PXI Studio framework
thereby providing an intuitive API and a highly flexible graphical user
interface. Plugin support of specific communications system
personalities will extend to include GSM/EDGE, UMTS/HSUPA
UL, cdma2000/1xEV-DO reverse link, WLAN and WMAN (WiMAX)
signal analysis in additon to general purpose Spectrum Analysis.


Similar Part No. - 3030A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3030A5645-01 ETC2-3030A5645-01 Datasheet
1Mb / 12P
Mica 2.4 GHz SMD Antenna
More results

Similar Description - 3030A

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT108-0 DATATRONICS-PT108-0 Datasheet
121Kb / 2P
WIDEBAND RF TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPA3877G PCA-EPA3877G Datasheet
27Kb / 1P
Wideband RF Transformer
EPR1625GE PCA-EPR1625GE Datasheet
40Kb / 1P
Wideband RF Transformer
logo
Coilcraft lnc.
WB1010-PCL COILCRAFT-WB1010-PCL Datasheet
217Kb / 2P
Wideband RF Transformers
logo
PCA ELECTRONICS INC.
EPA3877G PCA-EPA3877G_15 Datasheet
27Kb / 1P
Wideband RF Transformer
logo
Keysight Technologies
M9202A KEYSIGHT-M9202A Datasheet
1Mb / 10P
PXI-Express Wideband IF Digitizer
M9203A KEYSIGHT-M9203A Datasheet
2Mb / 14P
PXIe High-Speed Digitizer/ Wideband Digital Receiver
M9703A KEYSIGHT-M9703A Datasheet
1Mb / 16P
AXIe High-Speed Digitizer/ Wideband Digital Receiver
M9703B KEYSIGHT-M9703B Datasheet
3Mb / 20P
AXIe High-Speed Digitizer/ Wideband Digital Receiver
logo
XFMRS Inc.
XFWB0776-AO XFMRS-XFWB0776-AO Datasheet
40Kb / 1P
RF WIDEBAND TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com