Electronic Components Datasheet Search
  English  ▼

X  

3030A Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # 3030A
Description  Wideband RF Digitizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

3030A Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  3030A Datasheet HTML 1Page - Aeroflex Circuit Technology 3030A Datasheet HTML 2Page - Aeroflex Circuit Technology 3030A Datasheet HTML 3Page - Aeroflex Circuit Technology 3030A Datasheet HTML 4Page - Aeroflex Circuit Technology 3030A Datasheet HTML 5Page - Aeroflex Circuit Technology 3030A Datasheet HTML 6Page - Aeroflex Circuit Technology 3030A Datasheet HTML 7Page - Aeroflex Circuit Technology 3030A Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
D
DIIM
ME
EN
NS
SIIO
ON
NS
S A
AN
ND
D W
WE
EIIG
GH
HT
T
Dimensions
3010/11 Single width 3U PXI module 3030A Double width 3U PXI
module
Weight
3010
375 g (0.8 lbs)
3011
390 g (0.86 lbs)
3030A 750 g (1.7 lbs)
F
FR
RE
EQ
QU
UE
EN
NC
CY
Y R
RE
EF
FE
ER
RE
EN
NC
CE
E IIN
N
Mode
External, Free Running (3030A)
External Source
SMA
Frequency
10 MHz
Level
0.4 V to 4 V pk-pk into 50 ohms or looped through
G
GE
EN
NE
ER
RA
AL
L
The following general specifications are common to the 3010, 3011
and 3030A
Standard Warranty
24 months
Calibration Interval
Recommended 24 months
Electromagnetic Compatibility
EN 61326-1:1997, Emissions Class A, Immunity Table 1 -
Performance Criteria B
Safety
EN 61010-1:2001 Safety requirements for electrical equipment for
measurement, control and laboratory use-Part 1, General requirements
Driver Software
VXIpnp compliant software driver
L
LO
OC
CA
AL
L O
OS
SC
CIIL
LL
LA
AT
TO
OR
R
Frequency range
1500 MHz to 3000 MHz
Level
3010 output: -4 dBm to +3 dBm 3030A input: Nominally 0 dBm
R
RA
AT
TE
ED
D R
RA
AN
NG
GE
E O
OF
F U
US
SE
E
Operating Temperature
0 to 50°C, meets IEC-60068-2-1 and 60068-2-2
Operating Humidity
10 to 90% non-condensing, meets IEC-60068-2-56
C
CO
ON
ND
DIIT
TIIO
ON
NS
S O
OF
F S
ST
TO
OR
RA
AG
GE
E A
AN
ND
D T
TR
RA
AN
NS
SP
PO
OR
RT
T
Storage Temperature
-20 to +70°C, meets IEC-60068-2-1 and 60068-2-2
Storage Humidity
5 to 93% non-condensing, tested to IEC-60068-2-56
Shock
30 g peak, half sine, 9 ms pulse. Tested in accordance with IEC-
60068-2-27
Random vibration 5 Hz to 500 Hz, 2.46 g rms non-operating. Tested
in accordance with IEC-60068-2-64
C
CO
OM
MP
PL
LIIA
AN
NC
CE
E
PXI Specification, Revision 2.1
VXIplug&play Specifications (VPP-2, VPP-3.x, VPP-4.x and VPP-7)
3
30
01
10
0/
/3
30
01
11
1 S
SP
PE
EC
CIIF
FIIC
C S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
Specifications are common to the 3010 and 3011 unless otherwise
stated.
L
LO
O O
OU
UT
TP
PU
UT
T
Frequency Range
1.5 GHz to 3.0 GHz
Resolution
1 Hz
Accuracy
As frequency standard
Output Power
Fixed level in the range -4 dBm to +3 dBm
Output Impedance
50
Ω nominal
VSWR
<2:1
F
FR
RE
EQ
QU
UE
EN
NC
CY
Y R
RE
EF
FE
ER
RE
EN
NC
CE
E O
OU
UT
T ((3
30
01
11
1 O
ON
NL
LY
Y))
Level
2 V pk-pk nominal square wave into 50 ohms
Frequency
10 MHz
Aging Rate
1 in 109 per day, 1 in 107 per year
Temperature Stability (0 to 50°C)
Typically better than ±1 x 10-8
Warm-Up Time
<5 Minutes



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com