Electronic Components Datasheet Search
  English  ▼

X  

TPS62350 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62350
Description  800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62350 Datasheet(HTML) 5 Page - Texas Instruments

  TPS62350 Datasheet HTML 1Page - Texas Instruments TPS62350 Datasheet HTML 2Page - Texas Instruments TPS62350 Datasheet HTML 3Page - Texas Instruments TPS62350 Datasheet HTML 4Page - Texas Instruments TPS62350 Datasheet HTML 5Page - Texas Instruments TPS62350 Datasheet HTML 6Page - Texas Instruments TPS62350 Datasheet HTML 7Page - Texas Instruments TPS62350 Datasheet HTML 8Page - Texas Instruments TPS62350 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
www.ti.com
TPS62350, TPS62351
TPS62352, TPS62353
TPS62354, TPS62355, TPS62356
SLVS540D – MAY 2006 – REVISED OCTOBER 2007
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, typical values are at TA = 25°C. Unless otherwise noted, specifications apply with
VI = 3.6 V, EN = VI, VSEL = VI, SYNC = GND, VSEL0[6] bit = 1.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI = 3.6 V, VO = 1.20 V, IO(DC) = 0 mA
–1.5%
1.5%
PWM operation
2.7 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
VO = 0.75 V, 1.00 V, 1.20 V, 1.5375 V
–2%
2%
PWM operation
Output voltage
VO
TPS62353
2.7 V
≤ VI ≤ 5.5 V, IO(DC) = 0 mA,
DC accuracy
–1%
4.5%
VO = 1.00 V, L = 1 µH, Light PFM
2.7 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
–2%
3%
VO = 1.20 V, L = 1 µH, Fast PFM/PWM
2.7 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
–2%
4.5%
VO = 1.00 V, L = 1 µH, Light or Fast PFM/PWM
VI = 3.6 V, VO = 1.30 V, IO(DC) = 0 mA,
–1.5%
1.5%
PWM operation
2.7 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
VO = 0.75 V, 1.05 V, 1.30 V, 1.5375 V
–2%
2%
PWM operation
Output voltage
VO
TPS62354
2.7 V
≤ VI ≤ 5.5 V, IO(DC) = 0 mA,
DC accuracy
–1%
4.5%
VO = 1.05 V, L = 1 µH, Light PFM
2.7 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
–2%
3%
VO = 1.30 V, L = 1 µH, Fast PFM/PWM
2.7 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
–2%
4.5%
VO = 1.05 V, L = 1 µH, Light or Fast PFM/PWM
VI = 3.6 V, VO = 1.15 V, IO(DC) = 0 mA,
–1.5%
1.5%
PWM operation
2.7 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
VO = 0.75 V, 0.9 V, 1.15 V, 1.5375 V
–2%
2%
PWM operation
Output voltage
VO
TPS62355
2.7 V
≤ VI ≤ 5.5 V, IO(DC) = 0 mA
DC accuracy
–1%
4.5%
VO = 0.9 V, L = 1 µH, Light PFM
2.7 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
–2%
3%
VO = 1.15 V, L = 1 µH, Fast PFM/PWM
2.7 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
–2%
4.5%
VO = 0.9 V, L = 1 µH, Light or Fast PFM/PWM
2.7 V
≤ VI ≤ 3.2 V, 0 mA ≤ IO(DC) ≤ 800 mA
3.2 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 1000 mA
(1)
–2%
2%
VO = 1.80 V
PWM operation
2.7 V
≤ VI ≤ 5.5 V, IO(DC) = 0 mA
–1%
4.5%
VO = 1.80 V, L = 1 µH, Light PFM
Output voltage
VO
TPS62356
DC accuracy
2.7 V
≤ VI ≤ 3.2 V, 0 mA ≤ IO(DC) ≤ 800 mA
3.2 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 1000 mA
(1)
–2%
3%
VO = 1.80 V, L = 1 µH, Fast PFM/PWM
2.7 V
≤ VI ≤ 3.2 V, 0 mA ≤ IO(DC) ≤ 800 mA
3.2 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 1000 mA
(1)
–2%
4.5%
VO = 1.80 V, L = 1 µH, Light or Fast PFM/PWM
DC output voltage load regulation
IO(DC) = 0 mA to 800 mA, PWM operation
–0.0003
%/mA
ΔVO
VI = VO + 0.5 V (min 2.7 V) to 5.5 V,
DC output voltage line regulation
0
%/V
IO(DC) = 300 mA
VO = 0.9 V, IO(DC) = 0 mA, L = 1 µH,
33
mVPP
Light PFM operation
VO = 1.05 V, IO(DC) = 1 mA , L = 1 µH,
30
mVPP
Light PFM operation
Power-save mode ripple voltage
VO = 1.10 V, IO(DC) = 1 mA,
12
mVPP
L = 1
µH, Light PFM operation, VSEL0[6] bit = 0
VO = 1.35 V, IO(DC) = 1 mA,
0.025 VO
VPP
L = 1
µH, Fast PFM operation
(1)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating junction temperature (TJ(max)), the
maximum power dissipation of the device in the application (PD(max)), and the junction-to-ambient thermal resistance of the part/package
in the application (
θ
JA), as given by the following equation: TA(max)= TJ(max)–(θJA X PD(max)).
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS62350, TPS62351 TPS62352, TPS62353 TPS62354, TPS62355, TPS62356



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com