Electronic Components Datasheet Search
  English  ▼

X  

TPS62350 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62350
Description  800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62350 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62350 Datasheet HTML 9Page - Texas Instruments TPS62350 Datasheet HTML 10Page - Texas Instruments TPS62350 Datasheet HTML 11Page - Texas Instruments TPS62350 Datasheet HTML 12Page - Texas Instruments TPS62350 Datasheet HTML 13Page - Texas Instruments TPS62350 Datasheet HTML 14Page - Texas Instruments TPS62350 Datasheet HTML 15Page - Texas Instruments TPS62350 Datasheet HTML 16Page - Texas Instruments TPS62350 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
www.ti.com
1.030
1.040
1.035
1.045
1.055
1.050
1.065
1.060
1.070
0.1
1
10
100
1000
I
− OutputCurrent
O
− mA
LPFM/PWMMode
PWMMode
V =3.6V
I
V
=1.05V
O
L =1 H
C
=10 F
m
m
O
0.735
0.740
0.745
0.750
0.755
0.760
0.765
0.770
0.785
0.790
V − InputVoltage
I
− V
2.7 2.9 3.1 3.3
3.7 3.9 4.1
4.5 4.7 4.9
5.5
3.5
4.3
5.1 5.3
0.775
0.780
V
=0.75V
L =1 H
C
=10 F
LPFM/PWMMode
O
O
m
m
I
=10mA
O
I
=100 A
O
m
I
=400mA
O
I
=100mA
O
1.480
1.485
1.490
1.500
1.505
1.510
1.515
1.520
V − InputVoltage
I
− V
2.7 2.9 3.1 3.3
3.7 3.9 4.1
4.5 4.7 4.9
5.5
3.5
4.3
5.1 5.3
1.525
1.495
I
=100 A
O
m
V
=1.5V
L =1 H
C
=10 F
LPFM/PWMMode
O
O
m
m
I
=400mA
O
I
=10mA
O
I
=100mA
O
0.885
0.890
0.895
0.905
0.910
0.915
0.920
0.925
V − InputVoltage
I
− V
2.7 2.9 3.1 3.3
3.7 3.9 4.1
4.5 4.7 4.9
5.5
3.5
4.3
5.1 5.3
0.930
0.900
I
=100 A,bit=1
O
m
V
=0.9V
L =1 H
C
=10 F
O
O
m
m
LPFM/PWMMode
vs
LPFMOptimizeBit
I
=400mA,bit=0
O
I
=10mA,bit=1
O
I
=10mA,bit=0
O
I
=100 A,bit=0
O
m
TPS62350, TPS62351
TPS62352, TPS62353
TPS62354, TPS62355, TPS62356
SLVS540D – MAY 2006 – REVISED OCTOBER 2007
DC OUTPUT VOLTAGE
DC OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 9.
Figure 10.
DC OUTPUT VOLTAGE
DC OUTPUT VOLTAGE
vs
vs
INPUT VOLTAGE
OUTPUT CURRENT
Figure 11.
Figure 12.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS62350, TPS62351 TPS62352, TPS62353 TPS62354, TPS62355, TPS62356



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com