Electronic Components Datasheet Search
  English  ▼

X  

TPS62350 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62350
Description  800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62350 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS62350 Datasheet HTML 24Page - Texas Instruments TPS62350 Datasheet HTML 25Page - Texas Instruments TPS62350 Datasheet HTML 26Page - Texas Instruments TPS62350 Datasheet HTML 27Page - Texas Instruments TPS62350 Datasheet HTML 28Page - Texas Instruments TPS62350 Datasheet HTML 29Page - Texas Instruments TPS62350 Datasheet HTML 30Page - Texas Instruments TPS62350 Datasheet HTML 31Page - Texas Instruments TPS62350 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
www.ti.com
Slave Address
R/W
A
Register Address
A
Data
A
P
S
1
7
1
1
1
1
1
8
8
A = Acknowledge
S = START condition
Sr = REPEATED START condition
P = STOP condition
From Master to TPS6235x
From TPS6235x to Master
“0” Write
Sr
1
Slave Address
R/W
7
1
“1” Read
A
1
HS-MASTERCODE
R/W
A
REGISTER ADDRESS
A
DATA
A/A
P
”0” (write)
DataTransferred
(nxBytes+ Acknowledge)
S
A Sr SLAVE ADDRESS
HSModeContinues
F/SMode
HSMode
F/SMode
Sr Slave Address
Slave Address Byte
Register Address Byte
TPS62350, TPS62351
TPS62352, TPS62353
TPS62354, TPS62355, TPS62356
SLVS540D – MAY 2006 – REVISED OCTOBER 2007
Figure 50. "Read" Data Transfer Format in F/S-Mode
Figure 51. Data Transfer Format in H/S-Mode
MSB
LSB
X
1
0
0
1
0
A1
A0
The slave address byte is the first byte received following the START condition from the master device. The first
five bits (MSBs) of the address are factory preset to 10010. The next two bits (A1, A0) of the address are device
option dependent. For example, TPS62350 is factory preset to 00 and TPS62351 is preset to 10. Up to 4
TPS62350 type of devices can be connected to the same I2C-Bus. See the ordering information table for more
details.
MSB
LSB
0
0
0
0
0
0
D1
D0
Following the successful acknowledgment of the slave address, the bus master sends a byte to the TPS6235x,
which contains the address of the register to be accessed. The TPS6235x contains four 8-bit registers accessible
via a bidirectional I2C-bus interface. All internal registers have read and write access.
Table 1. Register Description
Name
Description
VSEL0 (read / write)
00
VSEL1 (read / write)
01
CONTROL1 (read / write)
10
CONTROL2 (read / write)
11
28
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS62350, TPS62351 TPS62352, TPS62353 TPS62354, TPS62355, TPS62356



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com