Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6713 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS320C6713
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6713 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320C6713 Datasheet HTML 35Page - Texas Instruments TMS320C6713 Datasheet HTML 36Page - Texas Instruments TMS320C6713 Datasheet HTML 37Page - Texas Instruments TMS320C6713 Datasheet HTML 38Page - Texas Instruments TMS320C6713 Datasheet HTML 39Page - Texas Instruments TMS320C6713 Datasheet HTML 40Page - Texas Instruments TMS320C6713 Datasheet HTML 41Page - Texas Instruments TMS320C6713 Datasheet HTML 42Page - Texas Instruments TMS320C6713 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 148 page
background image
TMS320C6713
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS186L − DECEMBER 2001 − REVISED NOVEMBER 2005
39
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Table 23. C6713 Device Multiplexed/Shared Pins (Continued)
DESCRIPTION
DEFAULT SETTING
DEFAULT
FUNCTION
MULTIPLEXED PINS
DESCRIPTION
DEFAULT SETTING
DEFAULT
FUNCTION
GDP
PYP
NAME
HINT/GP[1]
135
J20
HD15/GP[15]
174
B14
HD14/GP[14]
173
C14
HD13/GP[13]
172
A15
By default, the HPI peripheral pins are
HD12/GP[12]
168
C15
By default, the HPI peripheral pins are
enabled at reset. McASP1 peripheral
HD11/GP[11]
167
A16
enabled at reset. McASP1 peripheral
pins
and
eleven
GPIO
pins
are
HD10/GP[10]
166
B16
pins
and
eleven
GPIO
pins
are
disabled.
HD9/GP[9]
165
C16
To enable the McASP1 peripheral pins
HD8/GP[8]
160
B17
To enable the McASP1 peripheral pins
and the eleven GPIO pins, an external
HD7/GP[3]
164
A18
and the eleven GPIO pins, an external
pulldown resistor must be provided on
the HD14 pin setting HPI_EN = 0 at
HD4/GP[0]
156
C19
the HD14 pin setting HPI_EN = 0 at
reset.
HD1/AXR1[7]
152
D20
HPI_EN (HD14 pin) = 1
(HPI enabled)
reset.
HD0/AXR1[4]
147
E20
HPI pin function
HPI_EN (HD14 pin) = 1
(HPI enabled)
To use these software-configurable
HCNTL1/AXR1[1]
144
G19
HPI pin function
McASP1 pins and eleven
To use these software-configurable
GPIO pins, the GPxEN bits in the GP
HCNTL0/AXR1[3]
146
G18
McASP1 pins and eleven
GPIO pins are disabled.
GPIO pins, the GPxEN bits in the GP
Enable Register and the GPxDIR bits in
the GP Direction Register must be
HR/W/AXR1[0]
143
G20
GPIO pins are disabled.
Enable Register and the GPxDIR bits in
the GP Direction Register must be
properly configured.
HDS1/AXR1[6]
151
E19
properly configured.
GPxEN = 1:
GP[x] pin enabled
HDS2/AXR1[5]
150
F18
GPxEN = 1:
GP[x] pin enabled
GPxDIR = 0:
GP[x] pin is an input
GPxDIR = 1:
GP[x] pin is an
HCS/AXR1[2]
145
F20
GPxDIR = 0:
GP[x] pin is an input
GPxDIR = 1:
GP[x] pin is an
output
HD6/AHCLKR1
161
C17
output
HD5/AHCLKX1
159
B18
McASP1 pin direction is controlled by
the PDIR[x] bits in the McASP1PDIR
HD3/AMUTE1
154
C20
McASP1 pin direction is controlled by
the PDIR[x] bits in the McASP1PDIR
register.
HD2/AFSX1
155
D18
register.
HHWIL/AFSR1
139
H20
HRDY/ACLKR1
140
H19
HAS/ACLKX1
153
E18
TINP0/AXR0[3]
17
G2
Timer 0 input
function
McASP0PDIR = 0 (input)
[specifically AXR0[3] bit]
By default, the Timer 0 input pin is
enabled (and a shared input until the
McASP0 peripheral forces an output).
McASP0PDIR = 0 input, = 1 output
TOUT0/AXR0[2]
18
G1
Timer 0 output
function
TOUT0SEL = 0
(DEVCFG register bit)
[TOUT0 pin enabled and
McASP0 AXR0[2] pin
disabled]
By default, the Timer 0 output pin is
enabled.
To enable the McASP0 AXR0[2] pin, the
TOUT0SEL bit in the DEVCFG register
must be set to 1 (disabling the Timer 0
peripheral output pin function).
The AXR2 bit in the McASP0PDIR
register
controls
the
direction
(input/output) of the AXR0[2] pin
McASP0PDIR = 0 input, = 1 output
DEVICE CONFIGURATIONS (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com