Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6713 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320C6713
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6713 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320C6713 Datasheet HTML 17Page - Texas Instruments TMS320C6713 Datasheet HTML 18Page - Texas Instruments TMS320C6713 Datasheet HTML 19Page - Texas Instruments TMS320C6713 Datasheet HTML 20Page - Texas Instruments TMS320C6713 Datasheet HTML 21Page - Texas Instruments TMS320C6713 Datasheet HTML 22Page - Texas Instruments TMS320C6713 Datasheet HTML 23Page - Texas Instruments TMS320C6713 Datasheet HTML 24Page - Texas Instruments TMS320C6713 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 148 page
background image
TMS320C6713
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS186L − DECEMBER 2001 − REVISED NOVEMBER 2005
21
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register descriptions (continued)
Table 10. Quick DMA (QDMA) and Pseudo Registers†
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0200 0000
QOPT
QDMA options parameter register
0200 0004
QSRC
QDMA source address register
0200 0008
QCNT
QDMA frame count register
0200 000C
QDST
QDMA destination address register
0200 0010
QIDX
QDMA index register
0200 0014 − 0200 001C
−
Reserved
0200 0020
QSOPT
QDMA pseudo options register
0200 0024
QSSRC
QDMA pseudo source address register
0200 0028
QSCNT
QDMA pseudo frame count register
0200 002C
QSDST
QDMA pseudo destination address register
0200 0030
QSIDX
QDMA pseudo index register
† All the QDMA and Pseudo registers are write-accessible only
Table 11. PLL Controller Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01B7 C000
PLLPID
Peripheral identification register (PID)
[C6713 value: 0x00010801 for PLL Controller]
01B7 C004 − 01B7 C0FF
−
Reserved
01B7 C100
PLLCSR
PLL control/status register
01B7 C104 − 01B7 C10F
−
Reserved
01B7 C110
PLLM
PLL multiplier control register
01B7 C114
PLLDIV0
PLL controller divider 0 register
01B7 C118
PLLDIV1
PLL controller divider 1 register
01B7 C11C
PLLDIV2
PLL controller divider 2 register
01B7 C120
PLLDIV3
PLL controller divider 3 register
01B7 C124
OSCDIV1
Oscillator divider 1 register
01B7 C128 − 01B7 DFFF
−
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com