Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6713 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320C6713
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6713 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320C6713 Datasheet HTML 9Page - Texas Instruments TMS320C6713 Datasheet HTML 10Page - Texas Instruments TMS320C6713 Datasheet HTML 11Page - Texas Instruments TMS320C6713 Datasheet HTML 12Page - Texas Instruments TMS320C6713 Datasheet HTML 13Page - Texas Instruments TMS320C6713 Datasheet HTML 14Page - Texas Instruments TMS320C6713 Datasheet HTML 15Page - Texas Instruments TMS320C6713 Datasheet HTML 16Page - Texas Instruments TMS320C6713 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 148 page
background image
TMS320C6713
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS186L − DECEMBER 2001 − REVISED NOVEMBER 2005
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
functional block and CPU (DSP core) diagram
Test
C67x
 CPU
Data Path B
B Register File
Instruction Fetch
Instruction Dispatch
Instruction Decode
Data Path A
A Register File
Power-Down
Logic
.L1† .S1† .M1† .D1
.D2 .M2† .S2† .L2†
L1P Cache
Direct Mapped
4K Bytes Total
Control
Registers
Control
Logic
L1D Cache
2-Way
Set Associative
4K Bytes
In-Circuit
Emulation
Interrupt
Control
C6713 Digital Signal Processor
† In addition to fixed-point instructions, these functional units execute floating-point instructions.
Enhanced
DMA
Controller
(16 channel)
L2 Cache/
Memory
4 Banks
64K Bytes
Total
(up to
4-Way)
Clock Generator and PLL
x4 through x25 Multiplier
/1 through /32 Dividers
L2
Memory
192K
Bytes
EMIF
McASP1
McASP0
McBSP1
McBSP0
I2C1
I2C0
Timer 1
Timer 0
GPIO
HPI
McBSPs interface to:
−SPI Control Port
−High-Speed TDM Codecs
−AC97 Codecs
−Serial EEPROM
EMIF interfaces to:
−SDRAM
−SBSRAM
−SRAM,
−ROM/Flash, and
−I/O devices
McASPs interface to:
−I2S Multichannel ADC, DAC, Codec, DIR
−DIT: Multiple Outputs
32
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com