Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6713 Datasheet(PDF) 59 Page - Texas Instruments

Part # TMS320C6713
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6713 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMS320C6713 Datasheet HTML 55Page - Texas Instruments TMS320C6713 Datasheet HTML 56Page - Texas Instruments TMS320C6713 Datasheet HTML 57Page - Texas Instruments TMS320C6713 Datasheet HTML 58Page - Texas Instruments TMS320C6713 Datasheet HTML 59Page - Texas Instruments TMS320C6713 Datasheet HTML 60Page - Texas Instruments TMS320C6713 Datasheet HTML 61Page - Texas Instruments TMS320C6713 Datasheet HTML 62Page - Texas Instruments TMS320C6713 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 148 page
background image
TMS320C6713
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS186L − DECEMBER 2001 − REVISED NOVEMBER 2005
59
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
SIGNAL
PIN NO.
TYPE†
DESCRIPTION
NAME
PYP
GDP
TYPE†
DESCRIPTION
SUPPLY VOLTAGE PINS (CONTINUED)
114
—
126
—
141
—
3.3-V supply voltage
DVDD
162
—
S
3.3-V supply voltage
(see the power-supply decoupling portion of this data sheet)
DVDD
183
—
S
(see the power-supply decoupling portion of this data sheet)
188
—
206
—
—
A4
—
A9
—
A10
—
B2
—
B19
—
C3
—
C7
—
C18
—
D5
—
D6
—
D11
—
D14
—
D15
—
F4
—
F17
1.2-V supply voltage [PYP package]
CVDD
—
K1
S
1.2-V supply voltage [PYP package]
1.20-V supply voltage [GDP package] (See Note)
(see the power-supply decoupling portion of this data sheet)
CVDD
—
K4
S
(see the power-supply decoupling portion of this data sheet)
—
K17
—
L4
—
L17
—
L20
—
R4
—
R17
—
U6
—
U10
—
U11
—
U14
—
U15
—
V3
—
V18
Note: This value is compatible with existing 1.26−V designs.
—
W2
Note: This value is compatible with existing 1.26−V designs.
—
W19
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com