Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6000GDPA167 Datasheet(PDF) 55 Page - Texas Instruments

Part # TMS320C6000GDPA167
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6000GDPA167 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS320C6000GDPA167 Datasheet HTML 51Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 52Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 53Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 54Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 55Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 56Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 57Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 58Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 148 page
background image
TMS320C6713
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS186L − DECEMBER 2001 − REVISED NOVEMBER 2005
55
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
SIGNAL
PIN NO.
TYPE†
IPD/
IPU‡
DESCRIPTION
NAME
PYP
GDP
TYPE†
IPD/
IPU‡
DESCRIPTION
MULTICHANNEL AUDIO SERIAL PORT 0 (McASP0) (CONTINUED)
CLKR1/AXR0[6]
36
M1
I/O/Z
IPD
McBSP1 receive clock (I/O/Z) [default] or McASP0 TX/RX data pin 6 (I/O/Z).
DX1/AXR0[5]
32
L2
I/O/Z
IPU
McBSP1 transmit data (O/Z) [default] or McASP0 TX/RX data pin 5 (I/O/Z).
TOUT1/AXR0[4]
13
F1
I/O/Z
IPD
Timer 1 output (O) [default] or McASP0 TX/RX data pin 4 (I/O/Z).
TINP0/AXR0[3]
17
G2
I/O/Z
IPD
Timer 0 input (I) [default] or McASP0 TX/RX data pin 3 (I/O/Z).
TOUT0/AXR0[2]
18
G1
I/O/Z
IPD
Timer 0 output (O) [default] or McASP0 TX/RX data pin 2 (I/O/Z).
DX0/AXR0[1]
20
H2
I/O/Z
IPU
McBSP0 transmit data (O/Z) [default] or McASP0 TX/RX data pin 1 (I/O/Z).
DR0/AXR0[0]
27
J1
I/O/Z
IPU
McBSP0 receive data (I) [default] or McASP0 TX/RX data pin 0 (I/O/Z).
TIMER 1
TOUT1/AXR0[4]
13
F1
O
IPD
Timer 1 output (O) [default] or McASP0 TX/RX data pin 4 (I/O/Z).
TINP1/AHCLKX0
12
F2
I
IPD
Timer 1 input (I) or McASP0 transmit high−frequency master clock (I/O/Z). This
pin defaults as Timer 1 input (I) and McASP transmit high−frequency master
clock input (I).
TIMER0
TOUT0/AXR0[2]
18
G1
O
IPD
Timer 0 output (O) [default] or McASP0 TX/RX data pin 2 (I/O/Z).
TINP0/AXR0[3]
17
G2
I
IPD
Timer 0 input (I) [default] or McASP0 TX/RX data pin 3 (I/O/Z).
MULTICHANNEL BUFFERED SERIAL PORT 1 (McBSP1)
CLKS1/SCL1
8
E1
I
—
McBSP1 external clock source (as opposed to internal) (I) [default] or I2C1
clock (I/O/Z).
This pin does not have an internal pullup or pulldown. When this pin is used as a
McBSP pin, this pin should either be driven externally at all times or be pulled up
with a 10-k
Ω resistor to a valid logic level. Because it is common for some ICs to
3-state their outputs at times, a 10-k
Ω pullup resistor may be desirable even
when an external device is driving the pin.
CLKR1/AXR0[6]
36
M1
I/O/Z
IPD
McBSP1 receive clock (I/O/Z) [default] or McASP0 TX/RX data pin 6 (I/O/Z).
CLKX1/AMUTE0
33
L3
I/O/Z
IPD
McBSP1 transmit clock (I/O/Z) [default] or McASP0 mute output (O/Z).
DR1/SDA1
37
M2
I
—
McBSP1 receive data (I) [default] or I2C1 data (I/O/Z).
This pin does not have an internal pullup or pulldown. When this pin is used as a
McBSP pin, this pin should either be driven externally at all times or be pulled up
with a 10-k
Ω resistor to a valid logic level. Because it is common for some ICs to
3-state their outputs at times, a 10-k
Ω pullup resistor may be desirable even
when an external device is driving the pin.
DX1/AXR0[5]
32
L2
O/Z
IPU
McBSP1 transmit data (O/Z) [default] or McASP0 TX/RX data pin 5 (I/O/Z).
FSR1/AXR0[7]
38
M3
I/O/Z
IPD
McBSP1 receive frame sync (I/O/Z) [default] or McASP0 TX/RX data pin 7
(I/O/Z).
FSX1
31
L1
I/O/Z
IPD
McBSP1 transmit frame sync
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
‡ IPD = Internal pulldown, IPU = Internal pullup. [To oppose the supply rail on these IPD/IPU signal pins, use external pullup or pulldown resistors
no greater than 4.4 k
Ω and 2.0 kΩ, respectively.]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com