Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6000GDPA167 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS320C6000GDPA167
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6000GDPA167 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320C6000GDPA167 Datasheet HTML 18Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 19Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 20Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 21Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 22Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 23Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 24Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 25Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 148 page
background image
TMS320C6713
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS186L − DECEMBER 2001 − REVISED NOVEMBER 2005
22
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register descriptions (continued)
Table 12. McASP0 and McASP1 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
McASP0
McASP1
ACRONYM
REGISTER NAME
3C00 0000 − 3C00 FFFF
3C10 0000 − 3C10 FFFF
RBUF/XBUFx
McASPx receive buffer or McASPx transmit buffer via the
Peripheral Data Bus.
(Used when RSEL or XSEL bits = 0 [these bits are located
in the RFMT or XFMT registers, respectively].)
01B4 C000
01B5 0000
MCASPPIDx
Peripheral Identification register
[6713 value: 0x00100101 for McASP0 and for McASP1]
01B4 C004
01B5 0004
PWRDEMUx
Power down and emulation management register
01B4 C008
01B5 0008
−
Reserved
01B4 C00C
01B5 000C
−
Reserved
01B4 C010
01B5 0010
PFUNCx
Pin function register
01B4 C014
01B5 0014
PDIRx
Pin direction register
01B4 C018
01B5 0018
PDOUTx
Pin data out register
01B4 C01C
01B5 001C
PDIN/PDSETx
Pin data in / data set register
Read returns: PDIN
Writes affect: PDSET
01B4 C020
01B5 0020
PDCLRx
Pin data clear register
01B4 C024 − 01B4 C040
01B5 0024 − 01B5 0040
−
Reserved
01B4 C044
01B5 0044
GBLCTLx
Global control register
01B4 C048
01B5 0048
AMUTEx
Mute control register
01B4 C04C
01B5 004C
DLBCTLx
Digital Loop-back control register
01B4 C050
01B5 0050
DITCTLx
DIT mode control register
01B4 C054 − 01B4 C05C
01B5 0054 − 01B5 005C
−
Reserved
01B4 C060
01B5 0060
RGBLCTLx
Alias of GBLCTL containing only Receiver Reset bits,
allows transmit to be reset independently from receive.
01B4 C064
01B5 0064
RMASKx
Receiver format unit bit mask register
01B4 C068
01B5 0068
RFMTx
Receive bit stream format register
01B4 C06C
01B5 006C
AFSRCTLx
Receive frame sync control register
01B4 C070
01B5 0070
ACLKRCTLx
Receive clock control register
01B4 C074
01B5 0074
AHCLKRCTLx
High-frequency receive clock control register
01B4 C078
01B5 0078
RTDMx
Receive TDM slot 0−31 register
01B4 C07C
01B5 007C
RINTCTLx
Receiver interrupt control register
01B4 C080
01B5 0080
RSTATx
Status register − Receiver
01B4 C084
01B5 0084
RSLOTx
Current receive TDM slot register
01B4 C088
01B5 0088
RCLKCHKx
Receiver clock check control register
01B4 C08C − 01B4 C09C
01B5 008C − 01B5 009C
−
Reserved
01B4 C0A0
01B5 00A0
XGBLCTLx
Alias of GBLCTL containing only Transmitter Reset bits,
allows transmit to be reset independently from receive.
01B4 C0A4
01B5 00A4
XMASKx
Transmit format unit bit mask register
01B4 C0A8
01B5 00A8
XFMTx
Transmit bit stream format register
01B4 C0AC
01B5 00AC
AFSXCTLx
Transmit frame sync control register
01B4 C0B0
01B5 00B0
ACLKXCTLx
Transmit clock control register
01B4 C0B4
01B5 00B4
AHCLKXCTLx
High-frequency Transmit clock control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com