Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6000GDPA167 Datasheet(PDF) 77 Page - Texas Instruments

Part # TMS320C6000GDPA167
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6000GDPA167 Datasheet(HTML) 77 Page - Texas Instruments

Back Button TMS320C6000GDPA167 Datasheet HTML 73Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 74Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 75Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 76Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 77Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 78Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 79Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 80Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 148 page
background image
TMS320C6713
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS186L − DECEMBER 2001 − REVISED NOVEMBER 2005
77
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PLL and PLL controller (continued)
The PLL Reset Time is the amount of wait time needed when resetting the PLL (writing PLLRST=1), in order
for the PLL to properly reset, before bringing the PLL out of reset (writing PLLRST = 0). For the PLL Reset Time
value, see Table 32. The PLL Lock Time is the amount of time from when PLLRST = 0 with PLLEN = 0 (PLL
out of reset, but still bypassed) to when the PLLEN bit can be safely changed to “1” (switching from bypass to
the PLL path), see Table 32 and Figure 14.
Under some operating conditions, the maximum PLL Lock Time may vary from the specified typical value. For
the PLL Lock Time values, see Table 32.
Table 32. PLL Lock and Reset Times
MIN
TYP
MAX
UNIT
PLL Lock Time
75
187.5
µs
PLL Reset Time
125
ns
Table 33 shows the C6713 device’s CLKOUT signals, how they are derived and by what register control bits,
and what is the default settings. For more details on the PLL, see the PLL and Clock Generator Logic diagram
(Figure 14).
Table 33. CLKOUT Signals, Default Settings, and Control
CLOCK OUTPUT
SIGNAL NAME
DEFAULT SETTING
(ENABLED or DISABLED)
CONTROL
BIT(s) (Register)
DESCRIPTION
CLKOUT2
ON (ENABLED)
D2EN = 1 (PLLDIV2.[15])
CK2EN = 1 (EMIF GBLCTL.[3])
SYSCLK2 selected [default]
CLKOUT3
ON (ENABLED)
OD1EN = 1 (OSCDIV1.[15])
Derived from CLKIN
ECLKOUT
ON (ENABLED);
derived from SYSCLK3
EKSRC = 0 (DEVCFG.[4])
EKEN = 1 (EMIF GBLCTL.[5])
SYSCLK3 selected [default].
To select ECLKIN source:
EKSRC = 1 (DEVCFG.[4]) and
EKEN = 1 (EMIF GBLCTL.[5])
The input clock (CLKIN) is directly available to the McASP modules as AUXCLK for use as an internal
high-frequency clock source. The input clock (CLKIN) may also be divided down by a programmable divider
OSCDIV1 (/1, /2, /3, ..., /32) and output on the CLKOUT3 pin for other use in the system.
Figure 14 shows that the input clock source may be divided down by divider PLLDIV0 (/1, /2, ..., /32) and then
multiplied up by a factor of x4, x5, x6, and so on, up to x25.
Either the input clock (PLLEN = 0) or the PLL output (PLLEN = 1) then serves as the high-frequency reference
clock for the rest of the DSP system. The DSP core clock, the peripheral bus clock, and the EMIF clock may
be divided down from this high-frequency clock (each with a unique divider) . For example, with a 30 MHz input
if the PLL output is configured for 450 MHz, the DSP core may be operated at 225 MHz (/2) while the EMIF may
be configured to operate at a rate of 75 MHz (/6). Note that there is a specific minimum and maximum reference
clock (PLLREF) and output clock (PLLOUT) for the block labeled PLL in Figure 14, as well as for the DSP core,
peripheral bus, and EMIF. The clock generator must not be configured to exceed any of these constraints
(certain combinations of external clock input, internal dividers, and PLL multiply ratios might not be supported).
See Table 34 for the PLL clocks input and output frequency ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com