Electronic Components Datasheet Search
  English  ▼

X  

ADS1015 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS1015
Description  ADS111xL Ultra-Small, Low-Power, 16-Bit, 860-SPS ADCs With PGA, Comparator, and 1.8-V I2C Bus Voltage Support
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1015 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1015 Datasheet HTML 17Page - Texas Instruments ADS1015 Datasheet HTML 18Page - Texas Instruments ADS1015 Datasheet HTML 19Page - Texas Instruments ADS1015 Datasheet HTML 20Page - Texas Instruments ADS1015 Datasheet HTML 21Page - Texas Instruments ADS1015 Datasheet HTML 22Page - Texas Instruments ADS1015 Datasheet HTML 23Page - Texas Instruments ADS1015 Datasheet HTML 24Page - Texas Instruments ADS1015 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
8.5.3 Data Format
The ADS111xL provides 16 bits of data in binary two's-complement format. A positive full-scale (+FS) input
produces an output code of 7FFFh and a negative full-scale (–FS) input produces an output code of 8000h. The
output clips at these codes for signals that exceed full-scale. Table 8-3 summarizes the ideal output codes for
different input signals. Figure 8-12 shows code transitions versus input voltage.
Table 8-3. Input Signal Versus Ideal Output Code
INPUT SIGNAL
VIN = (VAINP – VAINN)
IDEAL OUTPUT CODE(1)
≥ +FS (215 – 1) / 215
7FFFh
+FS / 215
0001h
0
0000h
–FS / 215
FFFFh
≤ –FS
8000h
(1)
Excludes the effects of noise, INL, offset, and gain errors.
7FFFh
-FS
0
+FS
Input Voltage V
IN
7FFEh
0001h
0000h
8000h
FFFFh
8001h
-FS
2
- 1
15
2
15
+FS
2
- 1
15
2
15
. . .
. . .
Figure 8-12. Code Transition Diagram
Note
Single-ended signal measurements, where VAINN = 0 V and VAINP = 0 V to +FS, only use the positive
code range from 0000h to 7FFFh. However, because of device offset, the ADS111xL can still output
negative codes if VAINP is close to 0 V.
www.ti.com
ADS1114L, ADS1115L
SBASAV5 – DECEMBER 2023
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ADS1114L ADS1115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com