Electronic Components Datasheet Search
  English  ▼

X  

ADS1015 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS1015
Description  ADS111xL Ultra-Small, Low-Power, 16-Bit, 860-SPS ADCs With PGA, Comparator, and 1.8-V I2C Bus Voltage Support
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1015 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS1015 Datasheet HTML 9Page - Texas Instruments ADS1015 Datasheet HTML 10Page - Texas Instruments ADS1015 Datasheet HTML 11Page - Texas Instruments ADS1015 Datasheet HTML 12Page - Texas Instruments ADS1015 Datasheet HTML 13Page - Texas Instruments ADS1015 Datasheet HTML 14Page - Texas Instruments ADS1015 Datasheet HTML 15Page - Texas Instruments ADS1015 Datasheet HTML 16Page - Texas Instruments ADS1015 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
8.3.2 Analog Inputs
The ADS111xL use a switched-capacitor input stage where capacitors are continuously charged and then
discharged to measure the voltage between AINP and AINN. The frequency at which the input signal is sampled
is called the sampling frequency or the modulator frequency (fMOD). The ADS111xL has a 1-MHz internal
oscillator that is further divided by a factor of 4 to generate fMOD at 250 kHz. The capacitors used in this input
stage are small, and to external circuitry, the average loading appears resistive. Figure 8-4 shows this structure.
The capacitor values set the resistance and switching rate. Figure 8-5 shows the timing for the switches in
Figure 8-4. During the sampling phase, switches S1 are closed. This event charges CA1 to V(AINP), CA2 to V(AINN),
and CB to (V(AINP) – V(AINN)). During the discharge phase, S1 is first opened and then S2 is closed. Both CA1 and
CA2 then discharge to approximately 0.7 V and CB discharges to 0 V. This charging draws a very small transient
current from the source driving the ADS111xL analog inputs. The average value of this current can be used to
calculate the effective impedance (Zeff), where Zeff = VIN / IAVERAGE.
Equivalent
Circuit
fMOD = 250 kHz
ZCM
ZDIFF
ZCM
AINN
AINP
0.7 V
0.7 V
S1
S1
CA1
CB
CA2
S2
S2
0.7 V
0.7 V
AINN
AINP
Figure 8-4. Simplified Analog Input Circuit
t
SAMPLE
ON
OFF
S
1
S
2
OFF
ON
Figure 8-5. S1 and S2 Switch Timing
The common-mode input impedance is measured by applying a common-mode signal to the shorted AINP and
AINN inputs and measuring the average current consumed by each pin. The common-mode input impedance
changes depending on the full-scale range, but is approximately 6 MΩ for the default full-scale range. In Figure
8-4, the common-mode input impedance is ZCM.
The differential input impedance is measured by applying a differential signal to AINP and AINN inputs where one
input is held at 0.7 V. The current that flows through the pin connected to 0.7 V is the differential current and
scales with the full-scale range. In Figure 8-4, the differential input impedance is ZDIFF.
Make sure to consider the typical value of the input impedance. Unless the input source has a low impedance,
the ADS111xL input impedance can affect measurement accuracy. For sources with high-output impedance,
buffering can be necessary. Active buffers introduce noise, and also introduce offset and gain errors. Consider all
of these factors in high-accuracy applications.
The clock oscillator frequency drifts slightly with temperature; therefore, the input impedances also drift. For most
applications, this input impedance drift is negligible, and can be ignored.
www.ti.com
ADS1114L, ADS1115L
SBASAV5 – DECEMBER 2023
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ADS1114L ADS1115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com