Electronic Components Datasheet Search
  English  ▼

X  

ADS1015 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS1015
Description  ADS111xL Ultra-Small, Low-Power, 16-Bit, 860-SPS ADCs With PGA, Comparator, and 1.8-V I2C Bus Voltage Support
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1015 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS1015 Datasheet HTML 8Page - Texas Instruments ADS1015 Datasheet HTML 9Page - Texas Instruments ADS1015 Datasheet HTML 10Page - Texas Instruments ADS1015 Datasheet HTML 11Page - Texas Instruments ADS1015 Datasheet HTML 12Page - Texas Instruments ADS1015 Datasheet HTML 13Page - Texas Instruments ADS1015 Datasheet HTML 14Page - Texas Instruments ADS1015 Datasheet HTML 15Page - Texas Instruments ADS1015 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
8.3 Feature Description
8.3.1 Multiplexer
As shown in Figure 8-3, the ADS1115L contains an input multiplexer (MUX). Either four single-ended or two
differential signals can be measured. Additionally, AIN0 and AIN1 can be measured differentially to AIN3. The
multiplexer is configured by the MUX[2:0] bits in the Configuration register. When single-ended signals are
measured, the negative input of the ADC is internally connected to GND by a switch within the multiplexer.
VDD
GND
AIN0
VDD
GND
AIN1
VDD
GND
AIN2
VDD
GND
AIN3
AINP
AINN
GND
ADS1115L
Figure 8-3. Input Multiplexer
The ADS1114L does not have an input multiplexer and can measure either one differential signal or one
single-ended signal. For single-ended measurements, connect the AIN1 pin to GND externally. In subsequent
sections of this document, AINP refers to AIN0 and AINN refers to AIN1 for the ADS1114L.
Electrostatic discharge (ESD) diodes connected to VDD and GND protect the ADS111xL analog inputs. Keep the
absolute voltage of any input within the range shown in Equation 3 to prevent the ESD diodes from turning on.
GND – 0.3 V < V(AINX) < VDD + 0.3 V
(3)
If the voltages on the input pins can potentially violate these conditions, use external Schottky diodes and series
resistors to limit the input current to safe values (see the Absolute Maximum Ratings). Overdriving an input on
the ADS1115L can affect conversions taking place on other inputs. If overdriving an input is possible, clamp the
signal with external Schottky diodes.
ADS1114L, ADS1115L
SBASAV5 – DECEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADS1114L ADS1115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com