Electronic Components Datasheet Search
  English  ▼

X  

ADS1015 Datasheet(PDF) 32 Page - Texas Instruments

Part # ADS1015
Description  ADS111xL Ultra-Small, Low-Power, 16-Bit, 860-SPS ADCs With PGA, Comparator, and 1.8-V I2C Bus Voltage Support
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1015 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS1015 Datasheet HTML 28Page - Texas Instruments ADS1015 Datasheet HTML 29Page - Texas Instruments ADS1015 Datasheet HTML 30Page - Texas Instruments ADS1015 Datasheet HTML 31Page - Texas Instruments ADS1015 Datasheet HTML 32Page - Texas Instruments ADS1015 Datasheet HTML 33Page - Texas Instruments ADS1015 Datasheet HTML 34Page - Texas Instruments ADS1015 Datasheet HTML 35Page - Texas Instruments ADS1015 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
10.2.3 Application Curve
The measurement results in Figure 10-10 show that the two supplies can be measured with ±0.5% accuracy
over the complete operating ambient temperature range without any offset or gain calibration.
Temperature (qC)
-40
-20
0
20
40
60
80
100
-0.1
-0.075
-0.05
-0.025
0
0.025
0.05
0.075
0.1
3.3 V rail monitor
1.8 V rail monitor
Figure 10-10. Measurement Error vs Temperature
10.3 Power Supply Recommendations
The device requires a single unipolar supply, VDD, to power both the analog and digital circuitry of the device.
10.3.1 Power-Supply Sequencing
Wait approximately 50 µs after VDD is stabilized before communicating with the device to allow the power-up
reset process to complete.
10.3.2 Power-Supply Decoupling
Good power-supply decoupling is important to achieve optimum performance. As shown in Figure 10-11, VDD
must be decoupled with at least a 0.1-µF capacitor. The 0.1-μF bypass capacitor supplies the momentary bursts
of extra current required from the supply when the device is converting. Place the bypass capacitor as close to
the power-supply pin of the device as possible using low-impedance connections. Use multilayer ceramic chip
capacitors (MLCCs) that offer low equivalent series resistance (ESR) and inductance (ESL) characteristics for
power-supply decoupling purposes. For very sensitive systems, or for systems in harsh noise environments, do
not use vias to connect capacitors to the device pins for better noise immunity. Using multiple vias in parallel
lowers the overall inductance, and is beneficial for connections to ground planes.
VDD
0.1 μF
ADDR
ALERT/RDY
GND
AIN0
AIN1
SCL
SDA
VDD
AIN3
AIN2
TI Device
1
2
3
4
5
10
9
8
7
6
Figure 10-11. ADS1115L Power-Supply Decoupling
ADS1114L, ADS1115L
SBASAV5 – DECEMBER 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADS1114L ADS1115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com