Electronic Components Datasheet Search
  English  ▼

X  

TMC236/A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TMC236/A
Description  High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMC236/A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TMC236/A Datasheet HTML 1Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 2Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 3Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 4Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 5Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 6Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 7Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 8Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TMC236/A DATA SHEET (V2.04 / Nov. 6th, 2006)
1
Copyright © 2004, TRINAMIC Motion Control GmbH & Co KG
TMC236/A – DATA SHEET
High Current Microstep Stepper Motor Driver
with protection / diagnosis and SPI Interface
TRINAMIC
® Motion Control GmbH & Co KG
Sternstraße 67
D – 20357 Hamburg
GERMANY
T +49 - (0) 40 - 51 48 06 - 0
F +49 - (0) 40 - 51 48 06 - 60
WWW.TRINAMIC.COM
INFO@TRINAMIC.COM
Features
The TMC236 / TMC236A (1) is a dual full bridge driver IC for bipolar stepper motor control
applications. It is realized in a HVCMOS technology combined with Low-RDS-ON high efficiency
MOSFETs (pat. pend.). It allows to drive a coil current of up to 1500mA even at high environment
temperatures. Its low current consumption and high efficiency together with the miniature package
make it a perfect solution for embedded motion control and for battery powered devices. The low
power dissipation makes the TMC236 an optimum choice for drives, where a high reliability is desired.
Internal DACs allow microstepping as well as smart current control. The device can be controlled by a
serial interface (SPI™
i) or by analog / digital input signals. Short circuit, temperature, undervoltage
and overvoltage protection are integrated.
•
Control via SPI with easy-to-use 12 bit protocol or external analog / digital signals
•
Short circuit, overvoltage and overtemperature protection integrated
•
Status flags for overcurrent, open load, over temperature, temperature pre-warning, undervoltage
•
Integrated 4 bit DACs allow up to 16 times microstepping via SPI, any resolution via analog
control
•
Mixed decay feature for smooth motor operation
•
Slope control user programmable to reduce electromagnetic emissions
•
Chopper frequency programmable via a single capacitor or external clock
•
Current control allows cool motor and driver operation
•
Internal open load detector
•
7V to 34V motor supply voltage (A-type)
•
Up to 1500mA output current and more than 800mA at 105°C
•
3.3V or 5V operation for digital part
•
Low power dissipation via low RDS-ON power stage
•
Standby and shutdown mode available
(1) The term TMC236 in this datasheet always refers to the TMC236A and the TMC236. The major
differences in the older TMC236 are explicitly marked with “non-A-type”. The TMC236A brings a
number of enhancements and is fully backward compatible to the TMC236


Similar Part No. - TMC236/A

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC236 TRINAMIC-TMC236 Datasheet
571Kb / 1P
Microstep Driver for up to 1.5A
TMC236 TRINAMIC-TMC236 Datasheet
553Kb / 27P
High current, low power dissipation microstep stepper motor driver with protection / diagnostics and SPI Interface
TMC236 TRINAMIC-TMC236 Datasheet
610Kb / 27P
Stepper motor
TMC236A TRINAMIC-TMC236A Datasheet
610Kb / 27P
Stepper motor
TMC236A-PA TRINAMIC-TMC236A-PA Datasheet
571Kb / 1P
Microstep Driver for up to 1.5A
More results

Similar Description - TMC236/A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC239 ETC2-TMC239 Datasheet
155Kb / 21P
High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
TMC249 ETC2-TMC249_05 Datasheet
205Kb / 25P
High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnostics and SPI Interface
TMC246A ETC2-TMC246A Datasheet
181Kb / 24P
High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
TMC246 ETC2-TMC246_06 Datasheet
185Kb / 26P
High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
logo
TRINAMIC Motion Control...
TMC236 TRINAMIC-TMC236_1 Datasheet
553Kb / 27P
High current, low power dissipation microstep stepper motor driver with protection / diagnostics and SPI Interface
TMC239 TRINAMIC-TMC239_1 Datasheet
578Kb / 29P
High current microstep stepper motor driver with protection, diagnostics and SPI Interface
TMC246 TRINAMIC-TMC246_1 Datasheet
543Kb / 28P
High current microstep stepper motor driver with stallGuard?? protection / diagnostics and SPI Interface
TMC249 TRINAMIC-TMC249_1 Datasheet
597Kb / 30P
High current microstep stepper motor driver with stallGuard?? protection / diagnostics and SPI Interface
TMC246 TRINAMIC-TMC246_14 Datasheet
611Kb / 28P
High current microstep stepper motor driver
TMC249 TRINAMIC-TMC249_16 Datasheet
844Kb / 30P
High current microstep stepper motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com