Electronic Components Datasheet Search
  English  ▼

X  

TMC236/A Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # TMC236/A
Description  High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMC236/A Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button TMC236/A Datasheet HTML 13Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 14Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 15Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 16Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 17Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 18Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 19Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 20Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
TMC236/A DATA SHEET (V2.04 / Nov. 6th, 2006)
17
Copyright © 2004, TRINAMIC Motion Control GmbH & Co KG
Oscillator Capacitor
The PWM oscillator frequency can be set by an external capacitor. The internal oscillator uses a 28k
Ω
resistor to charge / discharge the external capacitor to a trip voltage of 2/3 Vcc respectively 1/3 Vcc. It
can be overdriven using an external CMOS level square wave signal. Do not set the frequency higher
than 100kHz and do not leave the OSC terminal open! The two bridges are chopped with a phase shift
of 180 degrees at the positive and at the negative edge of the clock signal.
[nF]
C
s
40
1
f
OSC
OSC
×
≈
µ
fOSC:
PWM oscillator frequency
COSC:
Oscillator capacitor in nF
Table of oscillator frequencies
fOSC typ.
COSC
16.7kHz
1.5nF
20.8kHz
1.2nF
25.0kHz
1.0nF
30.5kHz
820pF
36.8kHz
680pF
44.6kHz
560pF
Please remark, that an unnecessary high frequency leads to high switching losses in the power
transistors and in the motor. For most applications a chopper frequency slightly above audible range is
sufficient. When audible noise occurs in an application, especially with mixed decay continuously
enabled, the chopper frequency should be two times the audible range. For most applications we
recommend a frequency of 36.8kHz.
Pull-up resistors on unused inputs
The digital inputs all have integrated pull-up resistors, except for the ENN input, which is in fact an
analog input. Thus, there are no external pull-up resistors required for unused digital inputs which are
meant to be positive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com