Electronic Components Datasheet Search
  English  ▼

X  

TMC236/A Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # TMC236/A
Description  High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMC236/A Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button TMC236/A Datasheet HTML 14Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 15Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 16Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 17Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 18Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 19Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 20Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 21Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
TMC236/A DATA SHEET (V2.04 / Nov. 6th, 2006)
18
Copyright © 2004, TRINAMIC Motion Control GmbH & Co KG
Slope Control Resistor
The output-voltage slope of the full bridge outputs can be controlled to reduce noise on the power
supply and on the motor lines and thus electromagnetic emission of the circuit. It is controlled by an
external resistor at the SLP pin.
Operational range:
0k
Ω ≤ R
SLP ≤ 100kΩ
The SLP-pin can directly be connected to AGND for the fastest output-voltage slope (respectively
maximum output current). In most applications a minimum external resistance of 10 K
Ω is
recommended to avoid unnecessary high switching spikes.
Only for non-A-types the slope on the lower transistors is fixed (corresponding to a 5K
Ω to 10KΩ
slope control resistor). For applications where electromagnetic emission is very critical, it might be
necessary to add additional LC (or capacitor only) filtering on the motor connections.
For these applications emission is lower, if only slow decay operation is used.
Please remark, that there is a trade off between reduced electromagnetic emissions (slow slope) and
high efficiency because of low dynamic losses (fast slope).
The following table and graph depict typical behavior measured from 15% of output voltage to 85% of
output voltage. However, the actual values measured in an application depend on multiple parameters
and may stray in a user application.
Example for slope settings
tSLP typ.
RSLP
30ns
2.2K
Ω
60ns
10K
Ω
110ns
22K
Ω
245ns
51K
Ω
460ns
100K
Ω
10
100
R
SLP in KOhm
10
5
2
0
20
50
100
20
50
200
500
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com