Electronic Components Datasheet Search
  English  ▼

X  

TMC236/A Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # TMC236/A
Description  High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMC236/A Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button TMC236/A Datasheet HTML 16Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 17Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 18Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 19Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 20Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 21Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 22Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 23Page - List of Unclassifed Manufacturers TMC236/A Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
TMC236/A DATA SHEET (V2.04 / Nov. 6th, 2006)
20
Copyright © 2004, TRINAMIC Motion Control GmbH & Co KG
DC Characteristics
DC characteristics contain the spread of values guaranteed within the specified supply voltage and
temperature range unless otherwise specified. Typical characteristics represent the average value of
all parts.
Logic supply voltage:
VCC = 3.0 V ... 5.5 V,
Junction temperature: TJ = -40°C … 150°C,
Bridge supply voltage : VS = 7 V … 34 V
(unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ROUT,Sink
RDSON of sink-transistor
TJ = 25°C
VS ≥ 8V
0.12
0.19
Ω
ROUT,Source RDSON of source-transistor
TJ = 25°C
VS ≥ 8V
0.22
0.36
Ω
ROUT,Sink
RDSON of sink-transistor max.
TJ =150°C
VS ≥ 8V
0.20
0.26
Ω
ROUT,Source RDSON of source-transistor max.
TJ =150°C
VS ≥ 8V
0.37
0.47
Ω
VDIO
Diode forward voltages of Oxx
MOSFET diodes
TJ = 25°C
IOXX = 1.05A
0.84
1.12
V
VCCUV
VCC undervoltage
2.5
2.7
2.9
V
VCCOK
VCC voltage o.k.
2.7
2.9
3.0
V
ICC
VCC supply current
fosc = 25 kHz
0.75
1.20
mA
ICCSTB
VCC supply current standby
0.45
0.75
mA
ICCSD
VCC supply current shutdown
ENN = 1
12
40
µA
VSUV
VS undervoltage
5.5
5.9
6.2
V
VCCOK
VS voltage o.k.
6.1
6.4
6.7
V
ISSM
VS supply current with fastest
slope setting (static state)
VS = 14V
6
mA
ISSD
VS supply current shutdown or
standby
VS = 14V
28
50
µA
VIH
High input voltage
(all digital inputs except ENN in A-type)
2.2
VCC +
0.3 V
V
VIL
Low input voltage
(all digital inputs except ENN in A-type)
-0.3
0.7
V
VIHYS
Input voltage hysteresis
(all digital inputs except ENN in A-type)
100
300
500
mV
VOH
High output voltage
(output SDO)
-IOH = 1mA
VCC –
0.6
VCC –
0.2
VCC
V
VOL
Low output voltage
(output SDO)
IOL = 1mA
0
0.1
0.4
V
-IISL
Low input current
(SDI, SCK, CSN, BL1, BL2, SPE, ANN,
ENN for non-A-type)
VI = 0
VCC = 3.3V
VCC = 5.0V
2
10
25
70
µA
µA
µA
VENNH
High input voltage threshold
(input ENN) only for A-type
1/2 VCC
VEHYS
Input voltage hysteresis
(input ENN) only for A-type
0.1
VENNH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com