Electronic Components Datasheet Search
  English  ▼

X  

NJMOP2277GR Datasheet(PDF) 2 Page - Nisshinbo Micro Devices Inc.

Part # NJMOP2277GR
Description  High EMC Performance, Low Noise, Precision Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJMOP2277GR Datasheet(HTML) 2 Page - Nisshinbo Micro Devices Inc.

  NJMOP2277GR Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Datasheet
NJMOP277/NJMOP2277
* NJMOP2277FE and NJMOP2277FR are discontinued products.
- 2 -
Ver.3.0
■ PRODUCT NAME INFORMATION
Description of configuration
Composition
Item
Description
xxxx
Number of circuits
Indicates number of circuits.
277: 1ch
2277: 2ch
a
Grade
Product Grade.
Refer to the Grade List.
b
Package code
Indicates the package.
E: SOP8 JEDEC 150mil (EMP8)
R: MSOP8 (VSP8)
KW2: DFN8-W2 (ESON8-W2)
ccc
Packing
Insert Direction.
Refer to the packing specifications.
Grade
Grade
Package
Input Offset
Voltage (μV max)
Ta = 25°C
Input Offset
Voltage Drift (μV/°C max)
Ta = -40 to 125°C
Input Offset
Current (nA max)
Ta = -40 to 125°C
F
SOP8 JEDEC 150mil (EMP8)
MSOP8 (VSP8)
20
0.15
2
G
SOP8 JEDEC 150mil (EMP8)
MSOP8 (VSP8)
50
0.6
3
-
DFN8-W2(ESON8-W2)
100
0.7
3
■ ORDER INFORMATION
Product Name
Package
RoHS
Halogen-
Free
Terminal
Finish
Weight
(mg)
Quantity per Reel
(pcs/reel)
NJMOP277GE (TE1)
SOP8 JEDEC 150mil (EMP8)
✓
✓
Sn2Bi
76
2000
NJMOP277GR (TE1)
MSOP8 (VSP8)
✓
✓
Sn2Bi
21
2000
NJMOP2277GE (TE1)
SOP8 JEDEC 150mil (EMP8)
✓
✓
Sn2Bi
76
2000
NJMOP2277GR (TE1)
MSOP8 (VSP8)
✓
✓
Sn2Bi
21
2000
NJMOP2277KW2 (TE3)
DFN8-W2 (ESON8-W2)
✓
✓
Sn2Bi
18
1500
NJMOP277FE (TE1)
SOP8 JEDEC 150mil (EMP8)
✓
✓
Sn2Bi
76
2000
NJMOP277FR (TE1)
MSOP8 (VSP8)
✓
✓
Sn2Bi
21
2000
NJMOPxxxx a
b ( ccc )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com