Electronic Components Datasheet Search
  English  ▼

X  

NJMOP2277GR Datasheet(PDF) 4 Page - Nisshinbo Micro Devices Inc.

Part # NJMOP2277GR
Description  High EMC Performance, Low Noise, Precision Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJMOP2277GR Datasheet(HTML) 4 Page - Nisshinbo Micro Devices Inc.

  NJMOP2277GR Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Datasheet
NJMOP277/NJMOP2277
* NJMOP2277FE and NJMOP2277FR are discontinued products.
- 4 -
Ver.3.0
■ ABSOLUTE MAXIMUM RATINGS
Symbol
Rating
Unit
Supply Voltage VS = V+ - V−
V+ - V−
40
V
Differential Input Voltage*1
VID
±40*2
V
Input Voltage*3
VIN
V--0.3 to V++0.3
V
Input Current*4
IIN
10
mA
Output Short-Circuit Duration*5
-
Continuous (Ta
≤ 25°C)
Storage Temperature
Tstg
-55 to 150
°C
Junction Temperature *6
Tj
150
°C
*1
Differential voltage is the voltage difference between +INPUT and −INPUT.
*2 For supply voltage less than 40V, the absolute maximum rating is equal to the supply voltage.
*3 The absolute maximum input voltage is limited at 40V.
*4 Input voltages outside the supply voltage will be clamped by ESD protection diodes. If the input voltage exceeds the supply voltage, the input
current must be limited 10 mA or less by using a restriction resistance.
*5 Continuous short-circuits from output to GND is guaranteed only when V+
≤ 11V (±5.5V) and into 1ch.
*6 Calculate the power consumption of the IC from the operating conditions, and calculate the junction temperature with the thermal resistance.
Please refer to "Thermal characteristics" for the thermal resistance under our measurement board conditions.
ABSOLUTE MAXIMUM RATINGS
Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause permanent damage and may degrade the
lifetime and safety for both device and system using the device in the field. The functional operation at or over these absolute maximum
ratings is not assured.
■ THERMAL CHARACTERISTICS
Package
Measurement Result
Unit
Thermal Resistance (θja)
Thermal Characterization Parameter (ψjt)
NJMOP277
SOP8 JEDEC 150mil (EMP8) *1
MSOP8 (VSP8) *1
122
189
27
53
°C/W
NJMOP2277
SOP8 JEDEC 150mil (EMP8) *1
MSOP8 (VSP8) *1
DFN8-W2 (ESON8-W2) *2
104
152
58
13
24
7
°C/W
θja:Junction-to-Ambient Thermal Resistance
ψjt:Junction-to-Top Thermal Characterization Parameter
*1 Mounted on glass epoxy board (76.2 mm × 114.3 mm × 1.6 mm: based on EIA/JEDEC standard, 4-layer FR-4), internal Cu area: 74.2 mm × 74.2 mm.
*2 Mounted on glass epoxy board (101.5 mm × 114.5 mm × 1.6 mm: based on EIA/JEDEC standard, 4-layer FR-4) with exposed pad.
(For 4-layer, applying 99.5 mm × 99.5 mm inner Cu area and a thermal via hole to a board based on JEDEC standard JESD51-5.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com