Electronic Components Datasheet Search
  English  ▼

X  

NJMOP2277GR Datasheet(PDF) 13 Page - Nisshinbo Micro Devices Inc.

Part # NJMOP2277GR
Description  High EMC Performance, Low Noise, Precision Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJMOP2277GR Datasheet(HTML) 13 Page - Nisshinbo Micro Devices Inc.

Back Button NJMOP2277GR Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Datasheet
NJMOP277/NJMOP2277
* NJMOP2277FE and NJMOP2277FR are discontinued products.
- 13 -
Ver.3.0
■ ELECTRICAL CHARACTERISTICS (NJMOP2277KW2) (Continued)
V+ / V− = ±5V to ±15V, Ta = 25°C, VCOM = 0V, unless otherwise specified.
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
AC CHARACTERISTICS
Gain Bandwidth Product
GBW
RL
=2kΩ to 0V, CL=20pF, f=10kHz
-
1
-
MHz
Phase Margin
Φm
RL
=2kΩ to 0V, CL=20pF
-
65
-
deg
Gain Margin
Gm
RL
=2kΩ to 0V, CL=20pF
-
20
-
dB
Slew Rate
SR
GV=0dB, RL
=2kΩ to 0V, CL=20pF
VIN=5Vpp
-
0.7
-
V/µs
Settling Time 0.1%
ts
GV=0dB, RL
=2kΩ to 0V, CL=20pF
VIN=10Vpp
-
14
-
µs
Equivalent Input Noise Voltage
en
f=1kHz
-
8
-
nV/√Hz
Vn
f=0.1Hz to 10Hz
-
0.2
-
μVpp
Equivalent Input Noise Current
In
f=1kHz
-
0.2
-
pA/√Hz
Total Harmonic Distortion + Noise
THD+N
GV=0dB, RL
=2kΩ to 0V, CL=20pF
Vo=10Vpp, f=1kHz
-
0.002
-
%
Channel Separation
CS
f=1kHz
-
120
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com