Electronic Components Datasheet Search
  English  ▼

X  

NJMOP2277GR Datasheet(PDF) 21 Page - Nisshinbo Micro Devices Inc.

Part # NJMOP2277GR
Description  High EMC Performance, Low Noise, Precision Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJMOP2277GR Datasheet(HTML) 21 Page - Nisshinbo Micro Devices Inc.

Back Button NJMOP2277GR Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Datasheet
NJMOP277/NJMOP2277
* NJMOP2277FE and NJMOP2277FR are discontinued products.
- 21 -
Ver.3.0
■ TEST CIRCUIT
● I
SUPPLY
● V
IO
● SR
● GBW
R
S=50Ω,RF=500kΩ
-
+
V+
A
V-
+
-
V+
V-
V
R
L
±0.5V
+
-
V
I
O
V+
V-
±0.5V
● V
OH, VOL
-
+
+
-
V
O
V+
R
F
R
S
R
S
R
F
NULL
DUT
V-
V
COM
-
+
V+
50Ω
V-
Oscillo
Scope
C
L
R
L
V
IN
-
+
V+
C
L
100k
Ω
100
Ω
DUT
V-
Network
Analyzer
V
IN
50Ω
-
+
V+
5k
Ω
50Ω
DUT
V-
Spectrum
Analyzer
● e
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com