Electronic Components Datasheet Search
  English  ▼

X  

7035L Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 7035L
Description  HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7035L Datasheet(HTML) 3 Page - Renesas Technology Corp

  7035L Datasheet HTML 1Page - Renesas Technology Corp 7035L Datasheet HTML 2Page - Renesas Technology Corp 7035L Datasheet HTML 3Page - Renesas Technology Corp 7035L Datasheet HTML 4Page - Renesas Technology Corp 7035L Datasheet HTML 5Page - Renesas Technology Corp 7035L Datasheet HTML 6Page - Renesas Technology Corp 7035L Datasheet HTML 7Page - Renesas Technology Corp 7035L Datasheet HTML 8Page - Renesas Technology Corp 7035L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
6.42
7035L
High-Speed 8K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Range
3
Feb.24.22
Pin Names
Truth Table I: Non-Contention Read/Write Control
NOTE:
1. A0L — A12L
≠ A0R — A12R
Left Port
Right Port
Names
CEL
CER
Chip Enable
R/WL
R/WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A12L
A0R - A12R
Address
I/O0L - I/O17L
I/O0R - I/O17R
Data Input/Output
SEML
SEMR
Semaphore Enable
UBL
UBR
Upper Byte Select
LBL
LBR
Lower Byte Select
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
M/S
Master or Slave Select
VCC
Power
GND
Ground
4088 tbl 01
Inputs(1)
Outputs
Mode
CE
R/W
OE
UB
LB
SEM
I/O9-17
I/O0-8
H
X
X
X
X
H
High-Z
High-Z
Deselected: Power-Down
X
X
X
H
H
H
High-Z
High-Z
Both Bytes Deselected
LL
X
L
H
H
DATAIN
High-Z
Write to Upper Byte Only
L
L
X
H
L
H
High-Z
DATAIN
Write to Lower Byte Only
LL
X
L
L
H
DATAIN
DATAIN
Write to Both Bytes
LH
L
L
H
H
DATAOUT
High-Z
Read Upper Byte Only
LH
LH
LH
High-Z
DATAOUT
Read Lower Byte Only
LH
L
L
LH
DATAOUT
DATAOUT
Read Both Bytes
X
X
H
X
X
X
High-Z
High-Z
Outputs Disabled
4088 tbl 02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com