Electronic Components Datasheet Search
  English  ▼

X  

7035L Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 7035L
Description  HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7035L Datasheet(HTML) 2 Page - Renesas Technology Corp

  7035L Datasheet HTML 1Page - Renesas Technology Corp 7035L Datasheet HTML 2Page - Renesas Technology Corp 7035L Datasheet HTML 3Page - Renesas Technology Corp 7035L Datasheet HTML 4Page - Renesas Technology Corp 7035L Datasheet HTML 5Page - Renesas Technology Corp 7035L Datasheet HTML 6Page - Renesas Technology Corp 7035L Datasheet HTML 7Page - Renesas Technology Corp 7035L Datasheet HTML 8Page - Renesas Technology Corp 7035L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
6.42
7035L
High-Speed 8K x 18 Dual-Port Static RAM
Commercial Temperature Range
2
Feb.24.22
Description
The IDT7035 is a high-speed 8K x 18 Dual-Port Static RAM. The
IDT7035isdesignedtobeusedasastand-alone144K-bitDual-PortRAM
orasacombinationMASTER/SLAVEDual-PortRAMfor36-bitormore
wordsystems. UsingtheIDTMASTER/SLAVEDual-PortRAMapproach
in36-bitorwidermemorysystemapplicationsresultsinfull-speed,error-
freeoperationwithouttheneedforadditionaldiscretelogic.
This device provides two independent ports with separate control,
address,andI/Opinsthatpermitindependent, asynchronousaccessfor
reads or writes to any location in memory. An automatic power down
feature controlled by Chip Enable (CE) permits the on-chip circuitry of
each port to enter a very low standby power mode.
The IDT7035 utilizes a 18-bit wide data path to allow for parity at the
user's option. This feature is especially useful in data communications
applications where it is necessary to use a parity bit for transmission/
receptionerrorchecking.
Fabricated using CMOS high-performance technology, these de-
vicestypicallyoperateononly800mWofpower.Low-power(L)versions
offerbatterybackupdataretentioncapabilitywithtypical powerconsump-
tion of 500µW from a 2V battery.
Pin Configurations(1,2,3)
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. Package body is approximately 14mm x 14mm x 1.4mm.
4. This package code is used to reference the package diagram.
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
7035
PNG100(4)
4088 drw 02
I/O10L
I/O9L
I/O7L
I/O6L
I/O5L
I/O4L
I/O3L
I/O2L
GND
I/O1L
I/O0L
OEL
VCC
R/
WL
SEML
CEL
UBL
LBL
A11L
A10L
A9L
A8L
A7L
A6L
I/O7R
I/O9R
I/O10R
I/O11R
I/O12R
I/O13R
I/O14R
I/O15R
GND
I/O16R
OER
R/
WR
SEMR
CER
UBR
LBR
GND
A11R
A10R
A9R
A8R
A7R
A6R
A5R
A12L
A12R
100-Pin TQFP
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com