Electronic Components Datasheet Search
  English  ▼

X  

7035L Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 7035L
Description  HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7035L Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 7035L Datasheet HTML 13Page - Renesas Technology Corp 7035L Datasheet HTML 14Page - Renesas Technology Corp 7035L Datasheet HTML 15Page - Renesas Technology Corp 7035L Datasheet HTML 16Page - Renesas Technology Corp 7035L Datasheet HTML 17Page - Renesas Technology Corp 7035L Datasheet HTML 18Page - Renesas Technology Corp 7035L Datasheet HTML 19Page - Renesas Technology Corp 7035L Datasheet HTML 20Page - Renesas Technology Corp 7035L Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
6.42
7035L
High-Speed 8K x 18 Dual-Port Static RAM
Commercial Temperature Range
18
Feb.24.22
The blocks do not have to be any particular size and can even be
variable, depending upon the complexity of the software using the
semaphoreflags.AlleightsemaphorescouldbeusedtodividetheDual-
Port RAM or other shared resources into eight parts. Semaphores can
evenbeassigneddifferentmeaningsondifferentsidesratherthanbeing
given a common meaning as was shown in the example above.
Semaphores are a useful form of arbitration in systems like disk
interfaceswheretheCPUmustbelockedoutofasectionofmemoryduring
atransferandtheI/Odevicecannottolerateanywaitstates.Withtheuse
ofsemaphores,oncethetwodeviceshasdeterminedwhichmemoryarea
was“off-limits”totheCPU,boththeCPUandtheI/Odevicescouldaccess
theirassignedportionsofmemorycontinuouslywithoutanywaitstates.
Semaphoresarealsousefulinapplicationswherenomemory“WAIT”
stateisavailableononeorbothsides.Onceasemaphorehandshakehas
Figure 4. IDT7035 Semaphore Logic
D
4088 drw 18
0
D
Q
WRITE
D0
D
Q
WRITE
SEMAPHORE
REQUEST FLIP FLOP
SEMAPHORE
REQUEST FLIP FLOP
LPORT
RPORT
SEMAPHORE
READ
SEMAPHORE
READ
,
been performed, both processors can access their assigned RAM
segmentsatfullspeed.
Another application is in the area of complex data structures. In this
case,blockarbitrationisveryimportant.Forthisapplicationoneprocessor
mayberesponsibleforbuildingandupdatingadatastructure.Theother
processorthenreadsandinterpretsthatdatastructure.Iftheinterpreting
processorreadsanincompletedatastructure,amajorerrorconditionmay
exist.Therefore,somesortofarbitrationmustbeusedbetweenthetwo
differentprocessors.Thebuildingprocessorarbitratesfortheblock,locks
itandthenisabletogoinandupdatethedatastructure.Whentheupdate
is completed, the data structure block is released. This allows the
interpretingprocessortocomebackandreadthecompletedatastructure,
therebyguaranteeingaconsistentdatastructure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com