Electronic Components Datasheet Search
  English  ▼

X  

AT25DF512C Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # AT25DF512C
Description  512-Kbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF512C Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button AT25DF512C Datasheet HTML 27Page - Renesas Technology Corp AT25DF512C Datasheet HTML 28Page - Renesas Technology Corp AT25DF512C Datasheet HTML 29Page - Renesas Technology Corp AT25DF512C Datasheet HTML 30Page - Renesas Technology Corp AT25DF512C Datasheet HTML 31Page - Renesas Technology Corp AT25DF512C Datasheet HTML 32Page - Renesas Technology Corp AT25DF512C Datasheet HTML 33Page - Renesas Technology Corp AT25DF512C Datasheet HTML 34Page - Renesas Technology Corp AT25DF512C Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
DS-AT25DF512C-030 Rev.H
Page 31
2024-01-08
© 2024 Renesas Electronics
AT25DF512C Datasheet
12.5 Ultra-Deep Power-Down
The Ultra-Deep Power-Down mode allows the device to further reduce its energy consumption compared to the
existing standby and Deep Power-Down modes by shutting down additional internal circuitry. When the device is
in the Ultra-Deep Power-Down mode, all commands including the Status Register Read and Resume from Deep
Power-Down commands are ignored. Since all commands are ignored, the mode can be used as an extra
protection mechanism against inadvertent or unintentional program and erase operations. Entering the Ultra-Deep
Power-Down mode is done by simply asserting the CS pin, clocking in the opcode 79h, and then deasserting the
CS pin. Any additional data clocked into the device after the opcode are ignored. When the CS pin is deasserted,
the device enters the Ultra-Deep Power-Down mode within the maximum time of tEUDPD.
The complete opcode must be clocked in before the CS pin is deasserted; otherwise, the device stops the
operation and returns to the standby mode once the CS pin is deasserted. Also, the device defaults to the standby
mode after a power cycle. The Ultra-Deep Power-Down command is ignored if an internally self-timed operation
such as a program or erase cycle is in progress.
Figure 25. Ultra-Deep Power-Down
SCK
CS
SI
SO
MSB
ICC
23
1
0
0
67
5
4
Opcode
High-impedance
Ultra-Deep Power-Down Mode Current
Active Current
Standby Mode Current
tEUDPD
1111001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com