Electronic Components Datasheet Search
  English  ▼

X  

AT25DF512C Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # AT25DF512C
Description  512-Kbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF512C Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button AT25DF512C Datasheet HTML 23Page - Renesas Technology Corp AT25DF512C Datasheet HTML 24Page - Renesas Technology Corp AT25DF512C Datasheet HTML 25Page - Renesas Technology Corp AT25DF512C Datasheet HTML 26Page - Renesas Technology Corp AT25DF512C Datasheet HTML 27Page - Renesas Technology Corp AT25DF512C Datasheet HTML 28Page - Renesas Technology Corp AT25DF512C Datasheet HTML 29Page - Renesas Technology Corp AT25DF512C Datasheet HTML 30Page - Renesas Technology Corp AT25DF512C Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
DS-AT25DF512C-030 Rev.H
Page 27
2024-01-08
© 2024 Renesas Electronics
AT25DF512C Datasheet
12. Other Commands and Functions
12.1 Read Manufacturer and Device ID
Identification information can be read from the device to enable systems to electronically query and identify the
device while it is in system. The identification method and the command opcode comply with the JEDEC standard
for Manufacturer and Device ID Read Methodology for SPI Compatible Serial Interface Memory Devices. The type
of information that can be read from the device includes the JEDEC defined Manufacturer ID, the vendor specific
Device ID, and the vendor specific Extended Device Information.
Since not all Flash devices are capable of operating at very high clock frequencies, applications must be designed
to read the identification information from the devices at a reasonably low clock frequency to ensure all devices
used in the application can be identified properly. Once the identification process is complete, the application can
increase the clock frequency to accommodate specific Flash devices that are capable of operating at the higher
clock frequencies.
To read the identification information, the CS pin must first be asserted and the opcode of 9Fh must be clocked
into the device. After the opcode has been clocked in, the device begins outputting the identification data on the
SO pin during the subsequent clock cycles. The first byte that is output is the Manufacturer ID, followed by two
bytes of Device ID information. The fourth byte output is the Extended Device Information String Length, which is
00h, indicating that no Extended Device Information follows. After the Extended Device Information String Length
byte is output, the SO pin goes into a high-impedance state; thus, additional clock cycles have no affect on the SO
pin and no data are output. As indicated in the JEDEC standard, reading the Extended Device Information String
Length and any subsequent data is optional. Deasserting the CS pin stops the Manufacturer and Device ID read
operation and puts the SO pin into a high-impedance state. The CS pin can be deasserted at any time and does
not require that a full byte of data be read.
Table 10. Manufacturer and Device ID Information
Byte No.
Data Type
Value
1
Manufacturer ID
1Fh
2
Device ID (Part 1)
65h
3
Device ID (Part 2)
01h
4
Extended Device Information String Length
00h
Table 11. Manufacturer and Device ID Details
Data Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Hex
Value
Details
Manufacturer ID
JEDEC Assigned Code
1Fh
JEDEC Code: 0001 1111
(1Fh for Renesas Electronics)
0
00111
11
Device ID (Part 1)
Family Code
Density Code
65h
Family Code: 010
Density Code: 00101 (512-Kbit)
0
11001
01
Device ID (Part 2)
Sub Code
Product Version Code
01h
Sub Code 000 (Standard series)
Product Version: 00001
0
00000
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com