Electronic Components Datasheet Search
  English  ▼

X  

AT25DF512C Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # AT25DF512C
Description  512-Kbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF512C Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button AT25DF512C Datasheet HTML 11Page - Renesas Technology Corp AT25DF512C Datasheet HTML 12Page - Renesas Technology Corp AT25DF512C Datasheet HTML 13Page - Renesas Technology Corp AT25DF512C Datasheet HTML 14Page - Renesas Technology Corp AT25DF512C Datasheet HTML 15Page - Renesas Technology Corp AT25DF512C Datasheet HTML 16Page - Renesas Technology Corp AT25DF512C Datasheet HTML 17Page - Renesas Technology Corp AT25DF512C Datasheet HTML 18Page - Renesas Technology Corp AT25DF512C Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
DS-AT25DF512C-030 Rev.H
Page 15
2024-01-08
© 2024 Renesas Electronics
AT25DF512C Datasheet
Figure 11. Page Program
8.2
Page Erase
Page Erase for 512 Kbit, 256 Pages [eight (8) page address bits, PA<7:0>] of 256 bytes each.
The Page Erase command can be used to individually erase any page in the main memory array. The Main
Memory Byte/Page Program command can be used at a later time.
To perform a Page Erase with the standard page size (256 bytes), an opcode of 81h must be clocked into the
device followed by three address bytes comprised of:
Byte 0: 81h the page erase command code
Byte 1: XXXX XXXX; which is eight (8) dummy bits
Byte 2: X, PA<7:0>; which is eight (8) page address bits
Byte 3: XXXX XXXX; which is eight (8) dummy bits
When a low-to-high transition occurs on the CS pin, the device erases the selected page (the erased state is a
logic 1). The erase operation is internally self-timed and takes place in a maximum time of tPE. During this time,
the RDY/BUSY bit in the Status Register indicates that the device is busy.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase
properly. If an erase error arises, it is indicated by the EPE bit in the Status Register.
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000010
67
5
49
839
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AA
AAA
A
MSB
DDDDDDD D
ADDRESS BITS A23-A0
DATA IN BYTE 1
MSB
DDDDDDD D
DATA IN BYTE n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com