Electronic Components Datasheet Search
  English  ▼

X  

AT25DF512C Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # AT25DF512C
Description  512-Kbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF512C Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button AT25DF512C Datasheet HTML 34Page - Renesas Technology Corp AT25DF512C Datasheet HTML 35Page - Renesas Technology Corp AT25DF512C Datasheet HTML 36Page - Renesas Technology Corp AT25DF512C Datasheet HTML 37Page - Renesas Technology Corp AT25DF512C Datasheet HTML 38Page - Renesas Technology Corp AT25DF512C Datasheet HTML 39Page - Renesas Technology Corp AT25DF512C Datasheet HTML 40Page - Renesas Technology Corp AT25DF512C Datasheet HTML 41Page - Renesas Technology Corp AT25DF512C Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
DS-AT25DF512C-030 Rev.H
Page 38
2024-01-08
© 2024 Renesas Electronics
AT25DF512C Datasheet
14. Power-On/Reset State
When power is first applied to the device, or when recovering from a reset condition, the output pin (SO) is in a
high impedance state, and a high-to-low transition on the CSB pin is required to start a valid command. The SPI
mode (Mode 3 or Mode 0) is automatically selected on every falling edge of CSB by sampling the inactive clock
state.
14.1 Power-Up/Power-Down Voltage and Timing Requirements
During power-up, the device must not be READ for at least the minimum tVCSL time after the supply voltage
reaches the minimum VPOR level (VPOR min). While the device is being powered-up, the internal Power-On Reset
(POR) circuitry keeps the device in a reset mode until the supply voltage rises above the minimum Vcc. During this
time, all operations are disabled, and the device does not respond to any commands.
If the first operation to the device after power-up is a program or erase operation, then the operation cannot be
started until the supply voltage reaches the minimum VCC level and an internal device delay has elapsed. This
delay is a maximum time of tPUW. After the tPUW time, the device is in the standby mode if CSB is at logic high or
active mode if CSB is at logic low. For the case of Power-down then Power-up operation, or if a power interruption
occurs (such that VCC drops below VPOR max), the VCC of the Flash device must be maintained below VPWD for at
least the minimum specified TPWD time. This is to ensure the Flash device resets properly after a power
interruption.
Table 12. Voltage and Timing Requirements for Power-Up/Power-Down
1. Not 100% tested (value guaranteed by design and characterization).
Figure 30. Power-Up Timing
Symbol
Parameter
Min
Max
Units
VPWD 1
VCC for device initialization
1.0
V
tPWD 1
Minimum duration for device initialization
300
µs
tVCSL
Minimum VCC to chip select low time for Read command
70
µs
tVR 1
VCC rise time
1
500000
µs/V
VPOR
Power-on reset voltage
1.45
1.6
V
tPUW
Power-on delay time before Program or Erase is allowed
3
ms
V
CC
V
CC max
Max V
PWD
Time
t
PWD
t
PUW
Full Operation Permitted
t
VR
t
VCSL
Read Operation
Permitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com