Electronic Components Datasheet Search
  English  ▼

X  

1698172 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1698172
Description  ECM-UC-100A-UI-REL - Current measuring transducer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1698172 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1698172 Datasheet HTML 1Page - PHOENIX CONTACT 1698172 Datasheet HTML 2Page - PHOENIX CONTACT 1698172 Datasheet HTML 3Page - PHOENIX CONTACT 1698172 Datasheet HTML 4Page - PHOENIX CONTACT 1698172 Datasheet HTML 5Page - PHOENIX CONTACT 1698172 Datasheet HTML 6Page - PHOENIX CONTACT 1698172 Datasheet HTML 7Page - PHOENIX CONTACT 1698172 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
0 A AC/DC ... 18.8 A AC/DC
0 A AC/DC ... 62.5 A AC/DC (DIN/EN 61010-1)
0 A AC/DC ... 125 A AC/DC (DIN/EN 61010-1)
Setting range for max. input current
-125 A DC ... 125 A DC (DIN/EN 61010-1)
Overload capacity
2 x IN (continuous), depending on the fed-through conductor
Surge strength
20 x IN (1 s), depending on the fed-through conductor
0 Hz ... 100 Hz
0 Hz ... 200 Hz
0 Hz ... 500 Hz
Frequency measuring range
0 Hz ... 1000 Hz
Curve type
AC, DC or distorted currents
Output data
Switching: Relay
Contact switching type
1 changeover contact
Contact material
AgNi
Minimum switching voltage
12 V (10 mA)
250 V AC
Maximum switching voltage
48 V DC
6 A AC (250 V AC, 50/60 Hz)
Limiting continuous current
1 A DC (48 V DC)
Signal: Voltage/current
0 V ... 10 V
0 V ... 5 V
1 V ... 5 V
2 V ... 10 V
-10 V ... 10 V
-5 V ... 5 V
10 V ... -10 V
5 V ... -5 V
10 V ... 0 V
Voltage output signal
5 V ... 0 V
0 mA ... 20 mA
4 mA ... 20 mA
20 mA ... 0 mA
Current output signal
20 mA ... 4 mA
Load/output load voltage output
> 10 kΩ
Load/output load current output
< 500 Ω
Signal: digital
Max. voltage output signal
24 V DC
Max. current output signal
≤ 100 mA
Connection data
ECM-UC-100A-UI-REL - Current measuring transducer
1698172
https://www.phoenixcontact.com/us/products/1698172
Mar 24, 2026, 12:22AM
Page 3 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com