Electronic Components Datasheet Search
  English  ▼

X  

1698172 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1698172
Description  ECM-UC-100A-UI-REL - Current measuring transducer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1698172 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1698172 Datasheet HTML 1Page - PHOENIX CONTACT 1698172 Datasheet HTML 2Page - PHOENIX CONTACT 1698172 Datasheet HTML 3Page - PHOENIX CONTACT 1698172 Datasheet HTML 4Page - PHOENIX CONTACT 1698172 Datasheet HTML 5Page - PHOENIX CONTACT 1698172 Datasheet HTML 6Page - PHOENIX CONTACT 1698172 Datasheet HTML 7Page - PHOENIX CONTACT 1698172 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical data
Product properties
Insulation characteristics
Insulation
Safe isolation in accordance with IEC/EN 61010-1
Overvoltage category
III (300 V)
Pollution degree
2
Electrical properties
200 ms (AC/DC)
Step response (10-90%)
20 ms (DC)
Maximum temperature coefficient
< 0.02 %/K
Maximum transmission error
0.5 % (of nominal range value under nominal conditions)
Rated insulation voltage
300 V AC (to earth)
Electrical isolation IEC 61010-2-030
Standards/regulations
IEC 61010-2-030
Measuring category
III (300 V)
Electrical isolation Input/output
Test voltage
4 kV AC (50 Hz, 60 s)
Electrical isolation Input/power supply
Test voltage
4 kV AC (50 Hz, 60 s)
Electrical isolation Output/supply
Test voltage
2 kV AC (50 Hz, 60 s)
Supply
Nominal supply voltage
24 V DC
Nominal supply voltage range
12 V DC ... 24 V DC -20 % ... +25 %
Supply voltage range
9.6 V DC ... 30 V DC
Power consumption
≤ 2 W (30 V DC)
Input data
Signal: digital
Voltage input signal
0 V DC ... 30 V DC
Current input signal
2 mA ... 15 mA
Measurement
0 A AC ... 100 A AC
Input current range
-100 A DC ... 100 A DC
0 A AC/DC ... 50 A AC/DC
Measuring range
0 A AC/DC ... 100 A AC/DC
0 A AC/DC ... 9.4 A AC/DC
Setting range for min. input current
ECM-UC-100A-UI-REL - Current measuring transducer
1698172
https://www.phoenixcontact.com/us/products/1698172
Mar 24, 2026, 12:22AM
Page 2 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com